Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3272G Datasheet(PDF) 1 Page - Micronas

Part # CDC3272G
Description  ARM7-Based Car Dashboard Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CDC3272G Datasheet(HTML) 1 Page - Micronas

  CDC3272G Datasheet HTML 1Page - Micronas CDC3272G Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDC 3272G
May/2005
PRODUCT INFORMATION
CDC 3272G
ARM7-Based Car Dashboard Controller
The CDC 3272G-Cx is a pin-compatible
mask ROM derivative of Micronas’ 32-bit
Car Dashboard Controller family based on
an ARM7TDMI CPU core (CDC 32xxG).
This device comes along with additional
features of the Cx platform like a superior
power saving module (PSM) and two high-
speed CAN module (Bosch V2.0B). Main
characteristics of the PSM are three addi-
tional low-power modes (IDLE, WAKE, and
STANDBY), an internal RC oscillator, a poll-
ing/Flash timer output, as well as an RTC
(Real Time Clock).
The CDC 3272G also contains the patented
built-in ERM (EMI Reduction Module).
Features
384 KB mask ROM
16 KB SRAM
Four CPU operation modes
(Deep Slow, Slow, Fast, PLL)
Three low-power modes
(Idle, Wake, Standby)
RTC delivering hours, minutes, seconds
Polling/Flash timer output
PLL circuitry delivering up to 50 MHz
4- to 5-MHz oscillator
EMI reduction module (ERM)
Digital watchdog
Central clock divider
Interrupt controller with 40 inputs and
16 priority levels
Six port interrupts
Regulator input supervision for reset/
alarm (alarm comparator)
Clock and supply supervision
16-channel 10-bit ADC
Two comparators
ADC reference (1 internal, 3 external)
48
×4 LCD module
Three DMA channels
Two UARTs, two SPIs
DigitBus master module
Two CAN modules with 512 Bytes each
of object RAM according to Bosch speci-
fication V2.0B (32 message objects)
Two I2C master modules
Seven stepper motor drivers
Six PWM modules
(configurable as 2
×8 bit or 1×16 bit)
Pulse frequency modulator
Sound generator with auto decay
Two SW-selectable clock outputs
16-bit free-running counter with six cap-
ture/compare modules
1
×16-bit timer and 4×8-bit timer
Patch module (up to 10 cells)
JTAG interface
−40 to +105 °C case temperature range
Single 3.5 V to 5.5 V supply voltage
(limited I/O performance below 4.5 V)
Up to 102 GPIOs
128-pin PQFP package, 0.5 mm pin pitch


Similar Part No. - CDC3272G

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
   CDC 3207G ARM7-Based Car Dashboard Controller
CDC3217G MICRONAS-CDC3217G Datasheet
286Kb / 2P
   CDC 3217G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
   CDC 3231G ARM7-Based Car Dashboard Controller
CDC3257G MICRONAS-CDC3257G Datasheet
286Kb / 2P
   CDC 3257G ARM7-Based Car Dashboard Controller
logo
Texas Instruments
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results

Similar Description - CDC3272G

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
   CDC 3207G ARM7-Based Car Dashboard Controller
CDC3217G MICRONAS-CDC3217G Datasheet
286Kb / 2P
   CDC 3217G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
   CDC 3231G ARM7-Based Car Dashboard Controller
CDC3257G MICRONAS-CDC3257G Datasheet
286Kb / 2P
   CDC 3257G ARM7-Based Car Dashboard Controller
CEA3207A MICRONAS-CEA3207A Datasheet
391Kb / 2P
   ARM7-Based Car Entertainment Controller
logo
Panasonic Semiconductor
AN8353UB PANASONIC-AN8353UB Datasheet
50Kb / 4P
   High Efficiency Car Dashboard Dimmer IC
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
OSRAM GmbH
LPP47F OSRAM-LPP47F Datasheet
586Kb / 22P
   Dashboard Backlighting
logo
Princeton Technology Co...
PT2316A PTC-PT2316A Datasheet
134Kb / 3P
   Simple Car Audio Controller
PT2317A PTC-PT2317A Datasheet
136Kb / 3P
   Simple Car Audio Controller?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com