Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC249 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC249
Description  High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC249 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC249_1 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249_1 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TMC249 / TMC249A DATA SHEET (V2.09 / 2009-Jul-30)
7
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Application Circuit / Block Diagram
R
S
R
SH
Coil A
+V
M
R
S
Coil B
100µF
220nF
N
N
N
N
P
P
P
P
TMC249
HA1
HA2
LA2
LA1
LB1
LB2
HB2
HB1
SRB
SRA
VT
VS
4
DAC
4
DAC
INA
INB
VREF
REFSEL
ANN
SPE
1
0
0
1
SLP
R
SLP
OSC
REFSEL
GND
AGND
Under-
voltage
Tem-
perature
OSC
VCC
1nF
100nF
SCK
SDI
SDO
CSN
BL2
BL1
[MDBN]
[PHA]
[ERR]
[PHB]
stand alone mode
[MDAN]
[...]: function in stand alone mode
ENN
VCC/2
Pin Functions
Pin
Function
Pin
Function
VS
Motor supply voltage
VT
Short to GND detection comparator
connect to VS if not used
VCC
3.0-5.5V supply voltage for analog
and logic circuits
GND
Digital / Power ground
AGND
Analog ground (Reference for SRA,
SRB, OSC, SLP, INA, INB, SLP)
OSC
Oscillator capacitor or external clock
input for chopper
INA
Analog current control phase A
INB
Analog current control input phase B
SCK
Clock input of serial interface
SDO
Data output of serial interface (tri-state)
SDI
Data input of serial interface
CSN
Chip select input of serial interface
ENN
Device enable (low active), and
overvoltage shutdown input
SPE
Enable SPI mode (high active). Tie to
GND for non-SPI applications
ANN
Enable analog current control via
INA and INB (low active)
SLP
Slope control resistor. Tie to GND for
fastest slope
BL1, BL2
Digital blank time select
SRA, SRB
Bridge A/B current sense resistor input
HA1, HA2,
HB1, HB2
Outputs for high side P-channel
transistors
LA1, LA2,
LB1, LB2
Outputs
for
low
side
N-channel
transistors


Similar Part No. - TMC249_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
More results

Similar Description - TMC249_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com