Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT366D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT366D
Description  Hex buffer/line driver; 3-state; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT366D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT366D Datasheet HTML 1Page - NXP Semiconductors 74HCT366D Datasheet HTML 2Page - NXP Semiconductors 74HCT366D Datasheet HTML 3Page - NXP Semiconductors 74HCT366D Datasheet HTML 4Page - NXP Semiconductors 74HCT366D Datasheet HTML 5Page - NXP Semiconductors 74HCT366D Datasheet HTML 6Page - NXP Semiconductors 74HCT366D Datasheet HTML 7Page - NXP Semiconductors 74HCT366D Datasheet HTML 8Page - NXP Semiconductors 74HCT366D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
5 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
9.
Static characteristics
tr
rise time
inputs
VCC = 2.0 V
-
-
1000 ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
tf
fall time
inputs
VCC = 2.0 V
-
-
1000 ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
74HCT366
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr
rise time
inputs; VCC = 4.5 V
-
6.0
500
ns
tf
fall time
inputs; VCC = 4.5 V
-
6.0
500
ns
Table 5.
Recommended operating conditions …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Static characteristics 74HC366
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage VI = VIH or VIL
---
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
V
IO = −6.0 mA; VCC = 4.5 V
3.98
4.32
-
V
IO = −7.8 mA; VCC = 6.0 V
5.48
5.81
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO =20 µA; VCC = 2.0 V
-
0
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 7.8 mA; VCC = 6.0 V
-
0.16
0.26
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1 µA


Similar Part No. - 74HCT366D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT366D PHILIPS-74HCT366D Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT366D NEXPERIA-74HCT366D Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
74HCT366D-Q100 NEXPERIA-74HCT366D-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
logo
NXP Semiconductors
74HCT366DB PHILIPS-74HCT366DB Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
More results

Similar Description - 74HCT366D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
   Hex buffer/line driver; inverting 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com