Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL103JQ-I Datasheet(PDF) 10 Page - Micronas

Part # HAL103JQ-I
Description  Hall-Effect Switch IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL103JQ-I Datasheet(HTML) 10 Page - Micronas

Back Button HAL103JQ-I Datasheet HTML 4Page - Micronas HAL103JQ-I Datasheet HTML 5Page - Micronas HAL103JQ-I Datasheet HTML 6Page - Micronas HAL103JQ-I Datasheet HTML 7Page - Micronas HAL103JQ-I Datasheet HTML 8Page - Micronas HAL103JQ-I Datasheet HTML 9Page - Micronas HAL103JQ-I Datasheet HTML 10Page - Micronas HAL103JQ-I Datasheet HTML 11Page - Micronas HAL103JQ-I Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HAL1xy
DATA SHEET
10
April 8, 2009; DSH000150_001EN
Micronas
2.6. Magnetic Characteristics Overview
at TJ = −20 °C to +125 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V. Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL101
−20 °C
28
33
42
18
23
30
10.0
mT
unipolar
25 °C
28
34
42
18
24
30
10.0
mT
125 °C
26
32
42
17.5
22
30
10.0
mT
HAL102
−20 °C
0.5
2.8
6.5
−6.5
−2.8
−0.5
5.6
mT
latching
25 °C
0.5
2.6
6
−6
−2.6
−0.5
5.2
mT
125 °C
0.1
2.4
5.5
−5.5
−2.4
−0.1
4.8
mT
HAL103
−20 °C
5.5
8.4
12.5
−12.5
−8.6
−5.5
17
mT
latching
25 °C
5
7.6
11.5
−11.5
−7.6
−5
15.2
mT
125 °C
3.5
6.7
11.0
−11.0
−6.4
−3.5
13.1
mT
HAL104
−20 °C
10.5
15.8
21.5
−21.5
−15.8
−10.5
31.6
mT
latching
25
°C
101418.5
−18.5
−14
−10
28
mT
125
°C
6.0
10
15.5
−15.5
−10
−6.0
20
mT
HAL106
−20 °C
8.8
12.5
18.0
4.5
7.0
11.0
5.5
mT
unipolar
25
°C
8.1
12.0
16.5
4.2
6.5
10.4
5.5
mT
125
°C
7.4
10.0
16.0
3.4
6.0
9.9
4.0
mT
HAL107
−20 °C
19.6
27.5
35.8
16.9
23.0
31.3
4.5
mT
unipolar
25
°C
19.6
26.5
35.0
16.9
22.5
30.6
4.0
mT
125
°C
18.4
26.0
33.6
15.8
22.0
29.4
4.0
mT
HAL108
−20 °C
13.1
17.5
25.0
11.9
15.7
23.0
1.8
mT
unipolar
25
°C
12.7
17.0
23.8
11.4
15.0
21.9
2.0
mT
125
°C
10.8
14.6
23.0
9.7
13.0
21.0
1.6
mT
HAL109
−20 °C
2.3
8.1
12.0
1.8
5.9
11.5
2.2
mT
unipolar
25
°C
2.3
7.9
12.0
1.8
5.7
11.5
2.2
mT
125
°C
2.3
7.7
12.0
1.8
5.7
11.5
2.0
mT


Similar Part No. - HAL103JQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL103JQ-I MICRONAS-HAL103JQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
More results

Similar Description - HAL103JQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL101JQ-I MICRONAS-HAL101JQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com