Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC332 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC332
Description  Micro step sequencer with integrated PWM units for 2-phase and 3-phase motors with closed loop current regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC332 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC332_1 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC332_1 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMC332 DATA SHEET (V. 2.04 / November 9, 2009)
5
Copyright © 2009 TRINAMIC Motion Control GmbH & Co. KG
5
Pinning
A single package variant (BGA FG144, 0.5mm pitch) is available for the TMC332. For proper
operation, it is strongly recommended to connect all power and ground pins (3.3V, 1.5V, GND).
Pin
FG144
I/O
Description
NRST
F1
I
low active reset input
CLK
G1
I
clock input
nEN
H2
I
low active enable input, nEN='1' disables all gate control signals equivalent to OVC
nSCS
M3
I
low active SPI chip select input of the TMC332 driven from µC
nSCS_428
L4
I
low active SPI chip select input driven from µC to select the TMC428
SCK
M4
I
serial data clock input driven from µC
SDI
M5
I
serial data input driven from µC
SDO_OF_428
L6
I
input driven by the SDO_C of the TMC428
SDO
M6
O /
Z
serial data output to µC (from TMC332 or TMC428, depending on nSCS /
nSCS_428)
STP
J1
I
step pulse input (logical ored with internal STEP pulse via TMC428 SPI driver
chain)
DIR
K1
I
direction input (logical ored with internal STEP pulse via TMC428 SPI driver chain)
nSCS_DRV
M8
I
low active SPI chip select input driven from TMC428 (driver by nSCS_S)
SCK_DRV
L8
I
serial data clock input driven from TMC428 (driven by SCK_S)
SDI_DRV
M7
I
serial data input driven from TMC428 (driven by SDO_S)
SDO_DRV
L7
O
serial data output to TMC428 SDI_S or to next SPI driver within chain (SDI)
PH
A4
I
gate control high side, 0 : low active gate control / 1 : high active gate control
PL
B4
I
gate control low side, 0 : low active gate control / 1 : high active gate control
OVC_PH
K12
I
high side gate control outputs T1H, T2H, T3H, T4H on OVC condition
OVC_PL
K11
I
low side gate control outputs T1L, T2L, T3L, T4L on OVC condition
OVC_DISABLE
J11
I
high active OVC input (from comparator output that is high on OVC condition)
OVC_NDISABLE
J12
I
low active OVC input (from comparator output that is low on OVC condition)
OVC
H11
O
over current status ( 0 : no over current condition / 1 : over current condition)
SHAFT
A3
I
direction of motion clockwise / counter clockwise, direction depends on motor
nXY_UVW
B3
I
'0' : selects two phase stepper scheme
'1' : selects three phase stepper scheme
T1H
A5
O
T1H_Y2
Y2
deactivated (level depending on PL)
T1L
B5
O
T1L_Y2
deactivated (level depending on PH)
T2H
B6
O
T2H_Y1
Y1
T3H_W
W
T2L
C6
O
T2L_Y1
T3L_W
T3H
A7
O
T3H_X2
X2
T2H_V
V
T3L
B7
O
T3L_X2
T2L_V
T4H
B8
O
T4H_X1
X1
T1H_U
U
T4L
A9
O
T4L_X1
T1L_U
ENC_A
C1
I
3.3V input for incremental encoder signal A (a pull up-resistor might be required)
ENC_B
D1
I
3.3V input for incremental encoder signal B (a pull up-resistor might be required)
ENC_N
D2
I
3.3V input for incremental encoder signal N (a pull up-resistor might be required)
ENC_O_1
M2
O
Encoder compare output 1
ENC_O _2
L3
O
Encoder compare output 2
ENC_O _3
K4
O
Encoder compare output 3
RRC
A11
O
RC control for current measurement
COMP_ADC
B10
O
RC control for current measurement/limiting
COMP_PWM
A10
O
RC control for current limiting
CMP1P
C11
I
Positive comparator input for phase Y2
CMP1N
C12
I
Negative comparator input for phase Y2
CMP2P
D11
I
Positive comparator input for phase W/Y1
CMP2N
D12
I
Negative comparator input for phase W/Y1
CMP3P
E11
I
Positive comparator input for phase V/X2
CMP3N
E12
I
Negative comparator input for phase V/X2
CMP4P
F11
I
Positive comparator input for phase U/X1
CMP4N
F12
I
Negative comparator input for phase U/X1
STDBY
F3
I
Standby current enable (power down mode)
STANDALONE_EN
H6
I
Enable standalone mode (settings via SC_* inputs)
SC_FS_CUR_0
F9
I
Standalone mode configuration, Fullstep mode current, bit 0
SC_FS_CUR_1
G9
I
Standalone mode configuration, Fullstep mode current, bit 1
SC_FS_THRS_0
E8
I
Standalone mode configuration, Fullstep mode threshold, bit 0
SC_FS_THRS_1
F8
I
Standalone mode configuration, Fullstep mode threshold, bit 1
SC_FS_THRS_2
G8
I
Standalone mode configuration, Fullstep mode threshold, bit 2
SC_P_REG_CUR_0
J9
I
Standalone mode configuration, Current regulator target, bit 0
SC_P_REG_CUR_1
K9
I
Standalone mode configuration, Current regulator target, bit 1


Similar Part No. - TMC332_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC332-BC TRINAMIC-TMC332-BC Datasheet
456Kb / 1P
   Micro Step Sequencer for 2-phase and 3-phase Motors with Integrated PWM Units and Closed Loop Current Regulator
TMC332-Eval TRINAMIC-TMC332-Eval Datasheet
456Kb / 1P
   Micro Step Sequencer for 2-phase and 3-phase Motors with Integrated PWM Units and Closed Loop Current Regulator
More results

Similar Description - TMC332_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC332 TRINAMIC-TMC332 Datasheet
456Kb / 1P
   Micro Step Sequencer for 2-phase and 3-phase Motors with Integrated PWM Units and Closed Loop Current Regulator
logo
Toshiba Semiconductor
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
Richtek Technology Corp...
RT8876A RICHTEK-RT8876A Datasheet
695Kb / 50P
   Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
   1/2/3/4-Phase PWM Controller with SVID for VR12.5
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
   Dual Rail 32-Phase PWM Controller with PMBus
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com