Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL103TQ-I Datasheet(PDF) 8 Page - Micronas

Part # HAL103TQ-I
Description  Hall-Effect Switch IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL103TQ-I Datasheet(HTML) 8 Page - Micronas

Back Button HAL103TQ-I Datasheet HTML 4Page - Micronas HAL103TQ-I Datasheet HTML 5Page - Micronas HAL103TQ-I Datasheet HTML 6Page - Micronas HAL103TQ-I Datasheet HTML 7Page - Micronas HAL103TQ-I Datasheet HTML 8Page - Micronas HAL103TQ-I Datasheet HTML 9Page - Micronas HAL103TQ-I Datasheet HTML 10Page - Micronas HAL103TQ-I Datasheet HTML 11Page - Micronas HAL103TQ-I Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HAL1xy
DATA SHEET
8
April 8, 2009; DSH000150_001EN
Micronas
2.2. Positions of Sensitive Areas
2.3. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
2.4. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior, reduce reliability and lifetime of the device.
All voltages listed are referenced to ground (GND).
SOT89B-3
TO92UA-6
y
0.95 mm nominal
1.08 mm nominal
A4
0.33 mm nominal
0.30 mm nominal
Symbol
Parameter
Pin Name
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
3
−0.3
281)
V
IO
Continuous Output On Current
3
501)
mA
TJ
Junction Temperature Range
−40
1402)
°C
1) as long as T
Jmax is not exceeded
2) t < 1000 h
Symbol
Parameter
Pin Name
Min.
Max.
Unit
Comment
VDD
Supply Voltage
1
3.8
24
V
IO
Continuous Output on Current
3
0
20
mA
VO
Output Voltage
(output switched off)
30
24
V


Similar Part No. - HAL103TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL103TQ-I MICRONAS-HAL103TQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
More results

Similar Description - HAL103TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL101JQ-I MICRONAS-HAL101JQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com