Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZMR
Description  FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZMR Datasheet HTML 1Page - Zetex Semiconductors ZMR Datasheet HTML 2Page - Zetex Semiconductors ZMR Datasheet HTML 3Page - Zetex Semiconductors ZMR Datasheet HTML 4Page - Zetex Semiconductors ZMR Datasheet HTML 5Page - Zetex Semiconductors ZMR Datasheet HTML 6Page - Zetex Semiconductors ZMR Datasheet HTML 7Page - Zetex Semiconductors ZMR Datasheet HTML 8Page - Zetex Semiconductors ZMR Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZMR500
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=10mA, Vin=10V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
4.875
5
5.125
V
IO=0 to 50mA
Tj=-55 to 125°C
4.780
5.160
V
Vin=7 to 20V
IO=0 to 50mA
Tj=-55 to 125°C
4.780
5.175
V
∆V
O
Line Regulation
V
in=7 to 20V
5
15
mV
∆V
O
Load Regulation
I
O=0 to 50mA
IO=0 to 10mA
25
15
40
mV
mV
l
s
Supply Current
Tj=-55 to 125°C50
70
µA
∆l
s
Supply Current Change
I
O=0 to 50mA
Vin=7 to 20V
1
2
±10
10
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10KHz
90
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=8 to 18V
f=120Hz
55
72
dB
V
in
Input Voltage Required
To Maintain Regulation
7
6.7
V
∆V
O /∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.275
0.700
mV/°C
ZMR SERIES
4-108


Similar Part No. - ZMR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Shenzhen Luguang Electr...
ZMR-206 LUGUANG-ZMR-206 Datasheet
153Kb / 2P
   Tuning Fork Crystal Units
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR250CL ZETEX-ZMR250CL Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com