Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4067 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT4067
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4067 Datasheet HTML 5Page - NXP Semiconductors 74HCT4067 Datasheet HTML 6Page - NXP Semiconductors 74HCT4067 Datasheet HTML 7Page - NXP Semiconductors 74HCT4067 Datasheet HTML 8Page - NXP Semiconductors 74HCT4067 Datasheet HTML 9Page - NXP Semiconductors 74HCT4067 Datasheet HTML 10Page - NXP Semiconductors 74HCT4067 Datasheet HTML 11Page - NXP Semiconductors 74HCT4067 Datasheet HTML 12Page - NXP Semiconductors 74HCT4067 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
9 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
10. Static characteristics
[1]
At supply voltages (VCC − GND) approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is
recommended that these devices be used to transmit digital signals only, when using these supply voltages.
74HCT4067
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
GND
-
VCC
V
VSW
switch voltage
GND
-
VCC
V
tr
rise time
VCC = 4.5 V
-
6.0
500
ns
tf
fall time
VCC = 4.5 V
-
6.0
500
ns
Tamb
ambient temperature
−40
+25
+125
°C
Table 5.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
RON resistance per switch for types 74HC4067 and 74HCT4067
VI = VIH or VIL; for test circuit see Figure 8.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
For 74HC4067: VCC − GND = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4067: VCC − GND = 4.5 V.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Typ
Max
Max
(85
°C)
Max
(125
°C)
RON(peak)
ON resistance (peak)
Vis = VCC to GND
VCC = 2.0 V; ISW = 100 µA
[1]
----
VCC = 4.5 V; ISW = 1000 µA
110
180
225
270
VCC = 6.0 V; ISW = 1000 µA
95
160
200
240
VCC = 9.0 V; ISW = 1000 µA
75
130
165
195
RON(rail)
ON resistance (rail)
Vis = GND or VCC
VCC = 2.0 V; ISW = 100 µA
[1]
150
-
-
-
VCC = 4.5 V; ISW = 1000 µA
90
160
200
240
VCC = 6.0 V; ISW = 1000 µA
80
140
175
210
VCC = 9.0 V; ISW = 1000 µA
70
120
150
180
∆RON
ON resistance mismatch
between channels
Vis = VCC to GND
VCC = 2.0 V
[1]
----
VCC = 4.5 V
9
-
-
-
VCC = 6.0 V
8
-
-
-
VCC = 9.0 V
6
-
-
-


Similar Part No. - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4067 PHILIPS-74HCT4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
More results

Similar Description - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com