Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4060PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC4060PW
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC4060PW Datasheet HTML 1Page - NXP Semiconductors 74HC4060PW Datasheet HTML 2Page - NXP Semiconductors 74HC4060PW Datasheet HTML 3Page - NXP Semiconductors 74HC4060PW Datasheet HTML 4Page - NXP Semiconductors 74HC4060PW Datasheet HTML 5Page - NXP Semiconductors 74HC4060PW Datasheet HTML 6Page - NXP Semiconductors 74HC4060PW Datasheet HTML 7Page - NXP Semiconductors 74HC4060PW Datasheet HTML 8Page - NXP Semiconductors 74HC4060PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74HC4060; 74HCT4060 are high-speed Si-gate CMOS device and is pin compatible
with the HEF4060.
The 74HC4060; 74HCT4060 are 14-stage ripple-carry counter/dividers and oscillators
with three oscillator terminals (RS, RTC and CTC), ten buffered outputs (Q3 to Q9 and
Q11 to Q13) and an overriding asynchronous master reset (MR). The oscillator
configuration allows design of either RC or crystal oscillator circuits. The oscillator may be
replaced by an external clock signal at input RS. In this case keep the other oscillator pins
(RTC and CTC) floating. The counter advances on the negative-going transition of RS. A
HIGH level on MR resets the counter (Q3 to Q9 and Q11 to Q13 = LOW), independent of
other input conditions. In the HCT version, the MR input is TTL compatible, but the RS
input has CMOS input switching levels and can be driven by a TTL output by using a
pull-up resistor to VCC.
2.
Features
I All active components on chip
I RC or crystal oscillator configuration
I Complies with JEDEC standard no. 7 A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
3.
Applications
I Control counters
I Timers
I Frequency dividers
I Time-delay circuits
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
Rev. 03 — 14 July 2008
Product data sheet


Similar Part No. - 74HC4060PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060PW PHILIPS-74HC4060PW Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
Nexperia B.V. All right...
74HC4060PW NEXPERIA-74HC4060PW Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HC4060PW-Q100 NXP-74HC4060PW-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4060PW-Q100 NEXPERIA-74HC4060PW-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results

Similar Description - 74HC4060PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com