Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC603 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC603
Description  Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC603 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC603 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TMC603 DATA SHEET (V. 1.06 / 26. Mar. 2009)
9
Copyright © 2008 TRINAMIC Motion Control GmbH & Co. KG
Pin
Number
Type
Function
VLS
1, 44
Low side driver supply voltage for driving low side gates
GNDP
2, 40, 52
Power GND for MOSFET drivers, connect directly to GND
VM
3
Motor and MOSFET bridge supply voltage
GND
4, 36
Digital and analog low power GND
RS2G
5
AI 5V
Short to GND control resistor. Controls delay time for short to GND
test
Hx
6, 7, 8
DO 5V
hallFX outputs for back EMF based hall sensor emulation
FILTx
9, 10, 11
AO 5V
Output of internal switched capacitor filter
COSC
12
A 5V
Oscillator capacitor for step down regulator
SCCLK
13
DI 5V
Switched capacitor filter clock input for hallFX filters.
BHx
14, 18,
22
DI 5V
High side driver control signal: A positive level switches on the high
side
BLx
15, 19,
23
DI 5V
Low side driver control signal: Polarity can be reversed via INV_BL
SAMPLEx
16, 20,
24
DI 5V
Optional external control for current measurement sample/hold
stage. Set to positive level, if unused
CURx
17, 21,
25
AO 5V
Output of current measurement amplifier
5VOUT
26
Output of internal 5V linear regulator. Provided for VCC supply
SP_SUP
27
A 5V
An external capacitor on this pin controls the commutation spike
suppression time for hallFX.
VCC
28
+5V supply input for digital I/Os and analog circuitry
SENSE_HI 29
DI 5V
Switches current amplifiers to high sensitivity
BBM_EN
30
DI 5V
Enables internal break-before-make circuitry
INV_BL
31
DI 5V
Allows inversion of BLx input active level (low: BLx is active high)
ENABLE
32
DI 5V
Enables the power drivers (low: all MOSFETs become actively
switched off)
/ERR_OUT 33
DO 5V
Error output (open drain). Signals undervoltage or overcurrent. Tie
to ENABLE for direct self protection of the driver
CLR_ERR
34
DI 5V
Reset of error flip-flop (active high). Clears error condition
RSLP
35
AI 5V
Slope control resistor. Sets output current for MOSFET drivers
SWOUT
37
O
Switch regulator transistor output
TEST
38
O 12V
Test multiplexer output (leave open)
VCP
39
Charge pump supply voltage. Provides high side driver supply
LSx
41, 45,
49
O 12V
Low side MOSFET driver output
BMx
42, 46,
50
I (VM)
Sensing input for bridge outputs. Used for MOSFET control and
current measurement.
HSx
43, 47,
51
O
(VCP)
High side MOSFET driver output
Exposed
die pad
-
GND
Connect the exposed die pad to a GND plane. It is used for cooling
of the IC and may either be left open or be connected to GND.


Similar Part No. - TMC603

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC603 TRINAMIC-TMC603 Datasheet
667Kb / 1P
   Three Phase Motor Driver with BLDC Back EMF Commu-tation HallFX??and Current Sensing
TMC603-Eval TRINAMIC-TMC603-Eval Datasheet
667Kb / 1P
   Three Phase Motor Driver with BLDC Back EMF Commu-tation HallFX??and Current Sensing
TMC603-LA TRINAMIC-TMC603-LA Datasheet
667Kb / 1P
   Three Phase Motor Driver with BLDC Back EMF Commu-tation HallFX??and Current Sensing
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
   Intelligent Triple Stepper Motor Controller
More results

Similar Description - TMC603

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603 Datasheet
667Kb / 1P
   Three Phase Motor Driver with BLDC Back EMF Commu-tation HallFX??and Current Sensing
logo
Allegro MicroSystems
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com