Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL543SF-K Datasheet(PDF) 5 Page - Micronas

Part # HAL543SF-K
Description  Hall-Effect Sensor Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL543SF-K Datasheet(HTML) 5 Page - Micronas

  HAL543SF-K Datasheet HTML 1Page - Micronas HAL543SF-K Datasheet HTML 2Page - Micronas HAL543SF-K Datasheet HTML 3Page - Micronas HAL543SF-K Datasheet HTML 4Page - Micronas HAL543SF-K Datasheet HTML 5Page - Micronas HAL543SF-K Datasheet HTML 6Page - Micronas HAL543SF-K Datasheet HTML 7Page - Micronas HAL543SF-K Datasheet HTML 8Page - Micronas HAL543SF-K Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DATA SHEET
HAL54x
Micronas
Feb. 12, 2009; DSH000023_003EN
5
1.3. Marking Code
All Hall sensors have a marking on the package sur-
face (branded side). This marking includes the name
of the sensor and the temperature range.
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
K: TJ = −40 °C to +140 °C
E: TJ = −40 °C to +100 °C
Note: Due to power dissipation, there is a difference
between the ambient temperature (TA) and junc-
tion temperature. Please refer to section 5.1. on
page 27 for details.
1.5. Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors:
Ordering Codes, Packaging, Handling”.
1.6. Solderability and Welding
Soldering
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Welding
Device terminals should be compatible with laser and
resistance welding. Please note that the success of
the welding process is subject to different welding
parameters which will vary according to the welding
technique used. A very close control of the welding
parameters is absolutely necessary in order to reach
satisfying results. Micronas, therefore, does not give
any implied or express warranty as to the ability to
weld the component.
1.7. Pin Connections
Fig. 1–1: Pin configuration
Type
Temperature Range
K
E
HAL542
542K
542E
HAL543
543K
543E
HAL546
546K
546E
HAL548
548K
548E
HALXXXPA-T
Temperature Range: K or E
Package: SF for SOT89B-1
UA for TO92UA
Type: 54x
Example: HAL542UA-K
→ Type: 542
→ Package: TO92UA
→ Temperature Range: T
J = −40 °C to +140 °C
1 VDD
2, 4 GND
3
OUT


Similar Part No. - HAL543SF-K

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
HAL50-S LEM-HAL50-S_12 Datasheet
217Kb / 3P
   Current Transducer
HAL500-S LEM-HAL500-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
logo
List of Unclassifed Man...
HAL501 ETC-HAL501 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
More results

Similar Description - HAL543SF-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com