Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL825UT-K Datasheet(PDF) 9 Page - Micronas

Part # HAL825UT-K
Description  High-Precision Programmable Linear Hall-Effect Sensor Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL825UT-K Datasheet(HTML) 9 Page - Micronas

Back Button HAL825UT-K Datasheet HTML 5Page - Micronas HAL825UT-K Datasheet HTML 6Page - Micronas HAL825UT-K Datasheet HTML 7Page - Micronas HAL825UT-K Datasheet HTML 8Page - Micronas HAL825UT-K Datasheet HTML 9Page - Micronas HAL825UT-K Datasheet HTML 10Page - Micronas HAL825UT-K Datasheet HTML 11Page - Micronas HAL825UT-K Datasheet HTML 12Page - Micronas HAL825UT-K Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DATA SHEET
HAL82x
Micronas
Feb. 3, 2009; DSH000143_003EN
9
Filter
The FILTER bit is bit number 4 of the MODE register; it
defines the
−3 dB frequency of the digital low pass fil-
ter.
Bit Time
The BITTIME bit is bit number 5 of the MODE register;
It defines the protocol bit time for the communication
between the sensor and the programmer board.
Output Format
The OUTPUTMODE bits are the bits number 6 to 7 of
the MODE register; They define the different output
modes.
In Analog Output mode, the sensor provides an ratio-
metric 12-bit analog output voltage between 0 V and
5V.
In Multiplex Analog Output mode, the sensor transmits
the LSN and MSN of the output value separately. This
enables the sensor to transmit a 14-bit signal. In exter-
nal trigger mode the ECU can switch the output of the
sensor between LSN and MSN by changing current
flow direction through sensor output. In case the out-
put is pulled up by a 10 k
Ω resistor the sensor sends
the MSN. If the output is pulled down the sensor will
send the LSN. Maximum refresh rate is about 500 Hz
(2 ms). Three pins are sufficient.
Note: Please contact Micronas for further information
about Multiplex Analog Output Mode.
In Burn-In Mode, the signal path of the sensors DSP is
stimulated internally without applied magnetic field. In
this mode, the sensor provides a “saw tooth” shape
output signal. Shape and frequency of the saw tooth
signal depends on the programming of the sensor.
This mode can be used for Burn-In test in the custom-
ers production line.
TC Register
The temperature dependence of the magnetic sensitiv-
ity can be adapted to different magnetic materials in
order to compensate for the change of the magnetic
strength with temperature. The adaption is done by
programming the TC (Temperature Coefficient) and
the TCSQ registers (Quadratic Temperature Coeffi-
cient). Thereby, the slope and the curvature of the tem-
perature dependence of the magnetic sensitivity can
be matched to the magnet and the sensor assembly.
As a result, the output voltage characteristic can be
fixed over the full temperature range. The sensor can
compensate for linear temperature coefficients ranging
from about
−3100 ppm/K up to 1000 ppm/K and qua-
dratic coefficients from about
−7 ppm/K² to 2 ppm/K².
The full TC range is separated in the following four
ranges:
TC (5 bit) and TCSQ (3 bit) have to be selected individu-
ally within each of the four ranges. For example: 0 ppm/k
requires TC-Range = 1, TC = 15 and TCSQ = 1.
−3 dB Frequency
FILTER
500 Hz
0
1kHz
1
Bit Time
BITTIME
1:64 (Typ. 1.75 ms)
1
1:128 (Typ. 3.5 ms)
0
Output Format
OUTPUTMODE
Analog Output (12 bit)
0
Internal Burn-In Mode
2
Multiplex Analog Output
(external trigger)
TC-Range [ppm/k]
GROUP
−3100 to −1800
0
−1750 to −550
2
−500 to +450 (default value)
1
+450 to +1000
3


Similar Part No. - HAL825UT-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
HAL82x MICRONAS-HAL82x Datasheet
752Kb / 102P
   Programmer Board
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
More results

Similar Description - HAL825UT-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAR2425 MICRONAS-HAR2425 Datasheet
404Kb / 33P
   High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
HAL1820 MICRONAS-HAL1820 Datasheet
243Kb / 2P
   Programmable Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com