Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA42 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # MPSA42
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MPSA42 Datasheet(HTML) 2 Page - Zetex Semiconductors

  MPSA42 Datasheet HTML 1Page - Zetex Semiconductors MPSA42 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 2 – MARCH 94
FEATURES
* High voltage
APPLICATIONS
* Telephone dialler circuit
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6V
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
680
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
6V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=200V, IE=0
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=6V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=20mA, IB=2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA*
Static Forward Current
Transfer Ratio
hFE
25
40
40
IC=1mA, VCE=10V*
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
Transition
Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
MPSA42
3-78
C
B
E
Safe operating area
TYPICAL CHARACTERISTICS
0.1
10
100
1.0
60
0.1
10
100
1.0
0
40
80
20
100
120
0.001
100
10
0.01
1A
0.1
1000
1
100ms
10ms
1ms
D.C.
200
0.2
0.1
0.1
10
100
0.3
1.0
200
0
100
40
160
80
60
120
140
20
VCE=10V
140
VCE=20V
Single Pulse Test at Tamb=25°C
VCE(sat) vs IC
hFE vs IC
fT vs IC
VCE-Collector-Emitter Voltage (Volts)
IC-Collector Current (mA)
IC-Collector Current (mA)
IC-Collector Current (mA)
IC / IB=10
MPSA42
3-79


Similar Part No. - MPSA42

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MPSA42 LUGUANG-MPSA42 Datasheet
872Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Diotec Semiconductor
MPSA42 DIOTEC-MPSA42 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
logo
Unisonic Technologies
MPSA42 UTC-MPSA42 Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
MPSA42 DGNJDZ-MPSA42 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MPSA42

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com