Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL556UA-K Datasheet(PDF) 8 Page - Micronas

Part # HAL556UA-K
Description  Two-Wire Hall-Effect Sensor Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL556UA-K Datasheet(HTML) 8 Page - Micronas

Back Button HAL556UA-K Datasheet HTML 4Page - Micronas HAL556UA-K Datasheet HTML 5Page - Micronas HAL556UA-K Datasheet HTML 6Page - Micronas HAL556UA-K Datasheet HTML 7Page - Micronas HAL556UA-K Datasheet HTML 8Page - Micronas HAL556UA-K Datasheet HTML 9Page - Micronas HAL556UA-K Datasheet HTML 10Page - Micronas HAL556UA-K Datasheet HTML 11Page - Micronas HAL556UA-K Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HAL55x, HAL56x
DATA SHEET
8
Aug. 11, 2009; DSH000026_004EN
Micronas
Fig. 3–2:
TO92UA-1: Plastic Transistor Standard UA package, 3 leads, spread
Weight approximately 0.106 g


Similar Part No. - HAL556UA-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL556UA-K MICRONAS-HAL556UA-K Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
More results

Similar Description - HAL556UA-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com