Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL1000UT-A Datasheet(PDF) 10 Page - Micronas

Part # HAL1000UT-A
Description  Programmable Hall Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1000UT-A Datasheet(HTML) 10 Page - Micronas

Back Button HAL1000UT-A Datasheet HTML 6Page - Micronas HAL1000UT-A Datasheet HTML 7Page - Micronas HAL1000UT-A Datasheet HTML 8Page - Micronas HAL1000UT-A Datasheet HTML 9Page - Micronas HAL1000UT-A Datasheet HTML 10Page - Micronas HAL1000UT-A Datasheet HTML 11Page - Micronas HAL1000UT-A Datasheet HTML 12Page - Micronas HAL1000UT-A Datasheet HTML 13Page - Micronas HAL1000UT-A Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HAL1000
DATA SHEET
10
March 4, 2004; 6251-528-1DS
Micronas
2.3. General Calibration Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming and the corresponding software for the
input or calculating of the register values.
In this section, the programming of the sensor using
this tool is explained. Please refer to Section 5. on
page 23 for information about programming without
this tool.
For the individual calibration of each sensor in the cus-
tomer‘s application, a two-point adjustment is recom-
mended (see Fig. 2–9 for an example). When using
the application kit, the calibration can be done in three
steps:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, and the filter frequency,
are given for this application.
Therefore, the values of the following registers should
be identical for all sensors in the application.
–FILTER
(according to the maximum signal frequency)
The 500 Hz range is recommended for highest
accuracy.
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
Write the appropriate settings into the HAL1000 regis-
ters.
Step 2: Calculation of the Sensor Parameters
Fig. 2–9 shows the typical characteristics for a contact-
less switch. There is a mechanical range where the
sensor must be switched high and where the sensor
must be switched low.
Set the system to the calibration point where the sen-
sor output must be high, and press the key “Readout
BOFF”. The result is the corresponding ADC-READ-
OUT value.
Note: The magnetic south pole on the branded side
generates negative ADC-READOUT values, the
north polarity positive values.
Then, set the system to the calibration point where the
sensor output must be low, press the key “Readout
BON” and get the second ADC-READOUT value.
Now, adjust the hysteresis to the desired value. The
hysteresis is the difference between the switching
points and suppresses oscillation of the output signal.
With 100% hysteresis, the sensor will switch low and
high exactly at the calibration points. A lower value will
adjust the switching points closer together. Fig. 2–9
shows an example with 80% hysteresis.
By pressing the key “calibrate and store”, the software
will calculate the corresponding parameters for Sensi-
tivity, VOQ, Low-Level, High-Level and store these val-
ues in the EEPROM.
This calibration must be done individually for each
sensor.
The sensor is now calibrated for the customer applica-
tion. However, the programming can be changed
again and again if necessary.
Fig. 2–9: Characteristics of a position switch
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“lock” key. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: The LOCKR register cannot be reset!
Sensor
switched on
VOUT
position
Sensor
switched off
Calibration points
Sensor
switched on
Hysteresis
(here 80 %)


Similar Part No. - HAL1000UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
More results

Similar Description - HAL1000UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
   Highly Programmable Hall-Effect Switch
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
   Highly Programmable, Back-Biased, Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
logo
Diodes Incorporated
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
   PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com