Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL507UA-A Datasheet(PDF) 5 Page - Micronas

Part # HAL507UA-A
Description  Hall-Effect Sensor Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL507UA-A Datasheet(HTML) 5 Page - Micronas

  HAL507UA-A Datasheet HTML 1Page - Micronas HAL507UA-A Datasheet HTML 2Page - Micronas HAL507UA-A Datasheet HTML 3Page - Micronas HAL507UA-A Datasheet HTML 4Page - Micronas HAL507UA-A Datasheet HTML 5Page - Micronas HAL507UA-A Datasheet HTML 6Page - Micronas HAL507UA-A Datasheet HTML 7Page - Micronas HAL507UA-A Datasheet HTML 8Page - Micronas HAL507UA-A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
Jan. 11. 2010; DSH000020_004EN
5
Unipolar Switching Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Unipolar Switching Sensors with Inverted Output:
The output turns high with the magnetic south pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Unipolar Switching Sensors with Inverted Output
Sensitive to North Pole:
The output turns high with the magnetic north pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic south pole on the branded
side.
1.3. Marking Code
All Hall sensors have a marking on the package sur-
face (branded side). This marking includes the name
of the sensor and the temperature range.
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A:TJ = −40 °C to +170 °C
K:TJ = −40 °C to +140 °C
Note: Due to the high power dissipation at high current
consumption, there is a difference between the
ambient temperature (TA) and junction tempera-
ture. Please refer to Section 5.1. on page 46 for
details.
1.5. Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Ordering Codes for
Hall Sensors”.
Type
Temperature Range
A
K
HAL 501
501A
501K
HAL 502
502A
502K
HAL 503
503A
503K
HAL 504
504A
504K
HAL 505
505A
505K
HAL 506
506A
506K
HAL 507
507A
507K
HAL 508
508A
508K
HAL 509
509A
509K
HAL 516
516A
516K
HAL 519
519A
519K
HAL 523
523A
523K
HALXXXPA-T
Temperature Range: A or K
Package: SF for SOT89B-1
UA for TO92UA
Type: 5xy
Example: HAL505UA-K
→ Type: 505
→ Package: TO92UA
→ Temperature Range: T
J = −40 °C to +140 °C


Similar Part No. - HAL507UA-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL507 MICRONAS-HAL507 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
logo
List of Unclassifed Man...
HAL507A ETC-HAL507A Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL507E ETC-HAL507E Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL507K ETC-HAL507K Datasheet
315Kb / 44P
   Hall Effect Sensor Family
More results

Similar Description - HAL507UA-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com