Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA92 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # MPSA92
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MPSA92 Datasheet(HTML) 2 Page - Zetex Semiconductors

  MPSA92 Datasheet HTML 1Page - Zetex Semiconductors MPSA92 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE2 – MARCH 94
FEATURES
* High voltage
APPLICATIONS
* Telephone dialler circuits
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb= 25°C
Ptot
680
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-300
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-300
V
IC=-1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-10µA, IC=0
Collector Cut-Off
Current
ICBO
-0.25
µ
A
VCB=-200V, IE=0
Emitter Cut-Off Current IEBO
-0.1
µ
A
VEB=-3V, IE=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
V
IC=-20mA, IB=-2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-20mA, IB=-2mA*
Static Forward Current
Transfer Ratio
hFE
25
40
25
IC=-1mA, VCE=10V*
IC=-10mA, VCE=10V*
IC=-30mA,VCE=-10V*
Transition
Frequency
fT
50
MHz
IC=-10mA, VCE=-20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=-20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
MPSA92
3-84
C
B
E
TYPICAL CHARACTERISTICS
Safe operating area
VCE-Collector-Emitter Voltage (Volts)
50
40
0.1
10
100
60
1.0
VCE=10V
110
30
0.1
10
100
1.0
50
90
130
70
150
170
IC-Collector Current (mA)
0
10
1.0
IC / IB=10
1.0
3.0
2.0
100
0.001
100
10
0.01
1A
0.1
1000
1
100ms
10ms
1ms
D.C.
VCE=20V
VCE=10V
Single Pulse Test at Tamb=25°C
VCE(sat) vs IC
hFE vs IC
IC-Collector Current (mA)
IC-Collector Current (mA)
fT vs IC
MPSA92
3-85


Similar Part No. - MPSA92

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA92 MOTOROLA-MPSA92 Datasheet
112Kb / 4P
   High Voltage Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
TRANSYS Electronics Lim...
MPSA92 TEL-MPSA92 Datasheet
82Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - MPSA92

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
   PNP Silicon Planar High Voltage Transistor
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
   PNP Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT758 ZETEX-FZT758 Datasheet
92Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com