Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR500C Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZMR500C
Description  FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR500C Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZMR500C Datasheet HTML 1Page - Zetex Semiconductors ZMR500C Datasheet HTML 2Page - Zetex Semiconductors ZMR500C Datasheet HTML 3Page - Zetex Semiconductors ZMR500C Datasheet HTML 4Page - Zetex Semiconductors ZMR500C Datasheet HTML 5Page - Zetex Semiconductors ZMR500C Datasheet HTML 6Page - Zetex Semiconductors ZMR500C Datasheet HTML 7Page - Zetex Semiconductors ZMR500C Datasheet HTML 8Page - Zetex Semiconductors ZMR500C Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FIXED 2.5 AND 5 VOLT
MINIATURE VOLTAGE REGULATORS
ISSUE 4 - MARCH 2002
DEVICE DESCRIPTION
The ZMR series of three terminal fixed
positive voltage regulators feature internal
current limit and will shut down under
thermal overload conditions making the
devices difficult to destroy.
The circuit design offers an exceptionally
low quiescent current, only 30
µA for the 2.5
volt device, ideal for low power applications.
The initial devices in the series regulate to
2.5 or 5 volts with a drive capability up to
50mA, however, the flexible design will
allow other voltage selections to be made.
The device is designed with space saving in
mind and is available in the small outline
SOT23 package. The device is also available
in through hole TO92 package.
FEATURES
Small outline SOT23 package
TO92 package
2.5V and 5V output
22.5V maximum input voltage
(ZMR25H)
25V maximum input voltage (ZMR50H)
Output current up to 50mA
Very low Quiesent current (30µA)
Unconditionally stable
Other output voltages possible
Internal short circuit current limit
VOLTAGE RANGE
ZMR250
2.5V
ZMR500
5.0V
ZMR25H
2.5V
ZMR50H
5.0V
Vin
Vout
Gnd
SCHEMATIC DIAGRAM
ZMR SERIES
4-104


Similar Part No. - ZMR500C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR500CL ZETEX-ZMR500CL Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR500CL ZETEX-ZMR500CL Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR500CSTZ ZETEX-ZMR500CSTZ Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR500CSTZ ZETEX-ZMR500CSTZ Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR500C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com