Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8206M Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8206M
Description  Complete High Efficiency DC/DC Power Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8206M Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8206M Datasheet HTML 3Page - Intersil Corporation ISL8206M Datasheet HTML 4Page - Intersil Corporation ISL8206M Datasheet HTML 5Page - Intersil Corporation ISL8206M Datasheet HTML 6Page - Intersil Corporation ISL8206M Datasheet HTML 7Page - Intersil Corporation ISL8206M Datasheet HTML 8Page - Intersil Corporation ISL8206M Datasheet HTML 9Page - Intersil Corporation ISL8206M Datasheet HTML 10Page - Intersil Corporation ISL8206M Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6999.1
February 25, 2010
PGND
PHASE
VIN
VOUT
FB
COMP/EN
ISET
PVCC
1.8V
10A
VOUT
COUT1
22µF
6.3V
x3
RFB
4.87k
CPVCC
ISL8204M,
ISL8206M
(+5V/+12V)
VIN
CIN (CER)
10µF
25V
x2
CIN (BULK)
220µF
COUT2
330µF
FIGURE 2. TEST CIRCUIT FOR ALL PERFORMANCE AND DERATING GRAPHS
Typical Performance Characteristics
Efficiency Performance
TA = +25°C, VIN = PVCC (PVCC = 5V for 18VIN), CIN = 220µFx1, 10µF/Ceramic x 2,
COUT = 330µF (ESR = 10mΩ), 22µF/Ceramic x 3. The efficiency equation is:
FIGURE 3. EFFICIENCY vs LOAD CURRENT (5VIN)
FIGURE 4. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 5. EFFICIENCY vs LOAD CURRENT (18VIN)
FIGURE 6. 1.2V TRANSIENT RESPONSE
Efficiency
Output Power
Input Power
-----------------------------------------
P
OUT
P
IN
----------------
V
OUT xIOUT
()
V
IN xIIN
()
--------------------------------------
==
=
60
65
70
75
80
85
90
95
100
0246
LOAD CURRENT (A)
13
5
3.3V
2.5V
1.5V
1.2V
0.8V
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
0246
13
5
3.3V
2.5V
1.5V
1.2V
0.8V
5.0V
60
65
70
75
80
85
90
95
100
0
LOAD CURRENT (A)
5.0V
3.3V
2.5V
1.5V
1.2V
12345
6
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A to 5A
IOUT
VOUT
ISL8204M, ISL8206M


Similar Part No. - ISL8206M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8206M RENESAS-ISL8206M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
ISL8206MEVAL1Z RENESAS-ISL8206MEVAL1Z Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
ISL8206MIRZ RENESAS-ISL8206MIRZ Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
More results

Similar Description - ISL8206M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
   High Efficiency DC/DC Power Module
logo
Intersil Corporation
ISL8216M INTERSIL-ISL8216M Datasheet
1Mb / 29P
   Complete High Voltage 80V, 4A DC/DC Power Module
May 9, 2014
logo
Renesas Technology Corp
ISL8216M RENESAS-ISL8216M Datasheet
1Mb / 29P
   Complete High Voltage 80V, 4A DC/DC Power Module
logo
Intersil Corporation
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
   6A High Efficiency DC/DC Module
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
   10A High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com