Part Name
         Description
ISO3080DWRG4

 ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS ( 19 Page)


TI
100% 
Zoom Out Zoom In
 7 page
background image
VCC
Input
Generator
50 W
R
A
B
C includesfixture
L
andinstrumentation
capacitance
RE
VI
VO
CL= 15 pF ±20%
S1
0 V
1.5 V
Generator: PRR =100 kHz, 50% dutycycle,
r< 6 ns, tf< 6ns, ZO= 50 W
t
50%
3 V
0 V
VI
VCC
VOL
tPZL
tPLZ
V
O
50%
50%
10%
1k
±1%
W
A
B
PulseGenerator
15 sduration
1%dutycycle
t ,t
100ns
m
£
r f
R
Note:Thistestisconductedtotestsurvivabilityonly.
DatastabilityattheRoutputisnotspecified.
D
+
_
RE
DE
0V
3V
100
±1%
W
D
R
DE
RE
54 W
GND1
V TEST
GND2
A
B
GND1
S 1
2V
0.8V
V
orV
OH
OL
1kW
CL =15pF
(includesprobeand
jigcapacitance)
V
orV
OH
OL
VCC1
VCC2
C=0.1 F
1%
m
±
C=0.1 F 1%
m ±
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable Test Circuit and Waveforms, Data Output Low
Figure 11. Transient Over-Voltage Test Circuit
Figure 12. Half-Duplex Common-Mode Transient Immunity Test Circuit
Copyright © 2008–2009, Texas Instruments Incorporated
7
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl