Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVA401A Datasheet(PDF) 6 Page - Texas Instruments

Part # SLVA401A
Description  Power for C5504/05
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLVA401A Datasheet(HTML) 6 Page - Texas Instruments

  SLVA401A Datasheet HTML 1Page - Texas Instruments SLVA401A Datasheet HTML 2Page - Texas Instruments SLVA401A Datasheet HTML 3Page - Texas Instruments SLVA401A Datasheet HTML 4Page - Texas Instruments SLVA401A Datasheet HTML 5Page - Texas Instruments SLVA401A Datasheet HTML 6Page - Texas Instruments SLVA401A Datasheet HTML 7Page - Texas Instruments SLVA401A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
High Efficiency, Lowest cost
Reduce rails to 1.3V and 3.3V
CVDD, CVDDRTC
DVDDIO, DVDDRTC
1.3V @ 500mA
USB_VDDOSC, USB_VDDA3P3,
USB_VDDPLL
C5504/05
C5504/05
LDOI
DVDDEMIF
3.3V @ 605mA
1.3V @ 70mA
USB_VDD1P3, USB_VDDA1P3,
800mA
800mA
TPS62410
Vin: 3.6V – 5.5V
SLVA401A


Similar Part No. - SLVA401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA400B TI-SLVA400B Datasheet
322Kb / 11P
[Old version datasheet]   Power for TMS320C5514/15
More results

Similar Description - SLVA401A

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
TB501-01 PLL-TB501-01 Datasheet
31Kb / 1P
   Test Board for PLL501-01/-05
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
181Kb / 2P
   PHOTODIODE 05 mm
logo
RMT Ltd.
2MC04-083-05 RMT-2MC04-083-05 Datasheet
252Kb / 4P
   2MC04-083-05
2MD06-022-05 RMT-2MD06-022-05 Datasheet
345Kb / 4P
   2MD06-022-05
logo
Texas Instruments
AM3517_1005 TI-AM3517_1005 Datasheet
1Mb / 218P
[Old version datasheet]   AM3517/05 ARM Microprocessor
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
Mallory performance clu...
82553 MALLORY-82553 Datasheet
67Kb / 1P
   BlasterTM Coils for HEMI짰 Engines 05-14, 5.7/6.1L
logo
Alcoa international inc...
99-3712-1 ALCOA-99-3712-1 Datasheet
57Kb / 1P
   NOSE ASSEMBLY - 05 BLIND BOLT
logo
Johanson Technology Inc...
2450FB15K0003 JOHANSON-2450FB15K0003_09 Datasheet
120Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
logo
TRACO Electronic AG
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
   AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com