Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAMPL138ZCE3 Datasheet(PDF) 10 Page - Texas Instruments

Part # PAMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAMPL138ZCE3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PAMPL138ZCE3 Datasheet HTML 6Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 7Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 8Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 9Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 10Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 11Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 12Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 13Page - Texas Instruments PAMPL138ZCE3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 268 page
background image
3
Device Overview
3.1 Documentation Support
3.1.1
Related Documentation From Texas Instruments
3.2 Device Characteristics
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
The following documents are available on the Internet at www.ti.com. Tip: Enter the literature number in
the search box provided at www.ti.com.
DSP Reference Guides
SPRUG82
TMS320C674x DSP Cache User's Guide. Explains the fundamentals of memory caches
and describes how the two-level cache-based internal memory architecture in the
TMS320C674x digital signal processor (DSP) can be efficiently used in DSP applications.
Shows how to maintain coherence with external memory, how to use DMA to reduce
memory latencies, and how to optimize your code to improve cache efficiency. The internal
memory architecture in the C674x DSP is organized in a two-level hierarchy consisting of a
dedicated program cache (L1P) and a dedicated data cache (L1D) on the first level.
Accesses by the CPU to the these first level caches can complete without CPU pipeline
stalls. If the data requested by the CPU is not contained in cache, it is fetched from the next
lower memory level, L2 or external memory.
SPRUFE8
TMS320C674x DSP CPU and Instruction Set Reference Guide. Describes the CPU
architecture, pipeline, instruction set, and interrupts for the TMS320C674x digital signal
processors (DSPs). The C674x DSP is an enhancement of the C64x+ and C67x+ DSPs with
added functionality and an expanded instruction set.
SPRUFK5
TMS320C674x DSP Megamodule Reference Guide. Describes the TMS320C674x digital
signal processor (DSP) megamodule. Included is a discussion on the internal direct memory
access (IDMA) controller, the interrupt controller, the power-down controller, memory
protection, bandwidth management, and the memory and cache.
SPRUFK9
TMS320C674x/OMAP-L1x Processor Peripherals Overview Reference Guide. Provides
an overview and briefly describes the peripherals available on the device.
Table 3-1 provides an overview of the device. The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
Device Overview
10
Submit Documentation Feedback


Similar Part No. - PAMPL138ZCE3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAM ALTECH-PAM Datasheet
285Kb / 1P
   Padlock for 30 mm mushroom actuator
logo
Gamewell-FCI by Honeywe...
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
53Kb / 2P
   Ionization Detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
90Kb / 2P
   Photoelectronic detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
60Kb / 2P
   Photoelectronic Detector
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C Datasheet
448Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAMPL138ZCE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com