Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9306DCUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9306DCUR
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9306DCUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9306DCUR Datasheet HTML 3Page - Texas Instruments PCA9306DCUR Datasheet HTML 4Page - Texas Instruments PCA9306DCUR Datasheet HTML 5Page - Texas Instruments PCA9306DCUR Datasheet HTML 6Page - Texas Instruments PCA9306DCUR Datasheet HTML 7Page - Texas Instruments PCA9306DCUR Datasheet HTML 8Page - Texas Instruments PCA9306DCUR Datasheet HTML 9Page - Texas Instruments PCA9306DCUR Datasheet HTML 10Page - Texas Instruments PCA9306DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
APPLICATION INFORMATION
General Applications of I
2C
1
2
3
4
5
6
7
8
SW
SW
V
= 1.8 V
REF1
V
= 3.3 V
DPU
I C Bus
Master
2
I C Bus
Device
2
V
REF1
V
REF2
EN
V
CC
V
CC
PCA9306
GND
GND
GND
SDA
SDA1
SDA2
200 kΩ
SCL1
SCL
SCL
SDA
SCL2
R
PU
R
PU
R
PU
R
PU
PCA9306
www.ti.com....................................................................................................................................................... SCPS113I – OCTOBER 2004 – REVISED JULY 2008
In I2C applications, the bus capacitance limit of 400 pF restricts the number of devices and bus length. Using the
PCA9306 enables the system designer to isolate two halves of a bus; thus, more I2C devices or longer trace
length can be accommodated.
The PCA9306 also can be used to run two buses, one at 400-kHz operating frequency and the other at 100-kHz
operating frequency. If the two buses are operating at different frequencies, the 100-kHz bus must be isolated
when the 400-kHz operation of the other bus is required. If the master is running at 400 kHz, the maximum
system operating frequency may be less than 400 kHz because of the delays added by the repeater.
As with the standard I2C system, pullup resistors are required to provide the logic high levels on the translator's
bus. The PCA9306 has a standard open-collector configuration of the I2C bus. The size of these pullup resistors
depends on the system, but each side of the repeater must have a pullup resistor. The device is designed to
work with standard-mode and fast-mode I2C devices, in addition to SMBus devices. Standard-mode I2C devices
only specify 3 mA in a generic I2C system where standard-mode devices and multiple masters are possible.
Under certain conditions, high termination currents can be used.
Figure 2. Typical Application Circuit (Switch Always Enabled)
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9306


Similar Part No. - PCA9306DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306DCUR TI-PCA9306DCUR Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DCUR TI1-PCA9306DCUR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DCURE4 TI-PCA9306DCURE4 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DCURE4 TI1-PCA9306DCURE4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DCURG4 TI1-PCA9306DCURG4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results

Similar Description - PCA9306DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com