Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV132DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV132DB
Description  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV132DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV132DB Datasheet HTML 4Page - NXP Semiconductors 74LV132DB Datasheet HTML 5Page - NXP Semiconductors 74LV132DB Datasheet HTML 6Page - NXP Semiconductors 74LV132DB Datasheet HTML 7Page - NXP Semiconductors 74LV132DB Datasheet HTML 8Page - NXP Semiconductors 74LV132DB Datasheet HTML 9Page - NXP Semiconductors 74LV132DB Datasheet HTML 10Page - NXP Semiconductors 74LV132DB Datasheet HTML 11Page - NXP Semiconductors 74LV132DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LV132_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
8 of 17
NXP Semiconductors
74LV132
Quad 2-input NAND Schmitt trigger
[1]
All typical values are measured at Tamb =25 °C.
14. Waveforms transfer characteristics
VT−
negative-going
threshold voltage
see Figure 6
VCC = 1.2 V
-
0.34
-
-
-
V
VCC = 2.0 V
0.3
0.65
0.9
0.3
0.9
V
VCC = 2.7 V
0.4
0.90
1.4
0.4
1.4
V
VCC = 3.0 V
0.6
1.05
1.5
0.6
1.5
V
VCC = 3.6 V
0.8
1.30
1.8
0.8
1.8
V
VCC = 4.5 V
0.9
1.60
2.0
0.9
2.0
V
VCC = 5.5 V
1.2
2.00
2.6
1.2
2.6
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 6
VCC = 1.2 V
-
0.3
-
-
-
V
VCC = 2.0 V
0.2
0.55
0.8
0.2
0.8
V
VCC = 2.7 V
0.3
0.60
1.1
0.3
1.1
V
VCC = 3.0 V
0.4
0.65
1.2
0.4
1.2
V
VCC = 3.6 V
0.4
0.70
1.2
0.4
1.2
V
VCC = 4.5 V
0.4
0.80
1.4
0.4
1.4
V
VCC = 5.5 V
0.6
1.00
1.5
0.6
1.5
V
Table 10.
Transfer characteristics …continued
GND = 0 V; For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VT+ and VT− limits at 70 % and 20 %.
Fig 8.
Transfer characteristic
Fig 9.
Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Similar Part No. - 74LV132DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV132DB PHILIPS-74LV132DB Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132DB NXP-74LV132DB Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
More results

Similar Description - 74LV132DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com