Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G04GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G04GW
Description  Single inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G04GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G04GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC1G04_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 27 April 2009
7 of 15
NXP Semiconductors
74LVC1G04
Single inverter
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
12. AC waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.0
7.5
1.0
9.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.0
5.0
0.5
6.5
ns
VCC = 2.7 V
0.5
2.3
5.2
0.5
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.0
4.2
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.6
3.7
0.5
5.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-14-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The input A to output Y propagation delays
mna640
tPHL
tPLH
VM
VM
A input
Y output
GND
VI
VOH
VOL


Similar Part No. - 74LVC1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04GW PHILIPS-74LVC1G04GW Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
74LVC1G04GW NXP-74LVC1G04GW Datasheet
82Kb / 15P
   Single inverter
Rev. 07-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G04GW NEXPERIA-74LVC1G04GW Datasheet
272Kb / 18P
   Single inverter
Rev. 16 - 9 February 2022
74LVC1G04GW-Q100 NEXPERIA-74LVC1G04GW-Q100 Datasheet
779Kb / 13P
   Single inverter
More results

Similar Description - 74LVC1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com