Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSCT1555 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSCT1555
Description  PRECISION SINGLE CELL TIMER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSCT1555 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSCT1555 Datasheet HTML 1Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 2Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 3Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 4Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 5Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 6Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 7Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 8Page - Zetex Semiconductors ZSCT1555 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
9V
Input Voltages
9V
(Cont, Reset, Thres, Trig)
Output Current
100mA
Operating Temperature
-20 to 100°C
Storage Temperature
-55 to 150°C
Power Dissipation (Tamb=25°C)
DIL8
625mW
SO8
625mW
Recommended Operating Conditions
Supply Voltage
0.9V(min) 6V(max)
Input Voltages
6V(max)
(Cont, Reset, Thres, Trig)
Output Current
Sink
100mA(max)
Source
150
µA(max)
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tamb= 25°C,VCC= 1.5V
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
VCC
Supply Voltage
0.9
6
V
ICC
Supply Current
no load
VCC= 5V, no load
74
150
120
200
mA
VTH
Threshold Voltage
VCC= 5V
1.195
3.9
1.22
4
1.245
4.1
V
ITH
Threshold Current (Note 1)
0
20
100
nA
VTR
Trigger Voltage
VCC= 5V
0.2
0.57
0.25
0.62
0.3
0.67
V
ITR
Trigger Current
0
-35
-100
nA
tPD
Trigger Propagation delay
Delay from trigger
to output
2
µs
VRS
Reset Voltage
0.1
0.2
0.4
V
IRS
Reset Current
Reset @ 0V
0
-5
-10
µA
IDS
Discharge switch Off-state
current
0
10
100
nA
VDS
Discharge switch On-state
voltage
IDS= 0.2mA
VCC= 5V, IDS= 0.3mA
0
0
180
240
225
350
mV
VCT
Control Voltage (Open Circuit)
VCC= 5V
1.195
3.9
1.22
4
1.245
4.1
V
VOL
Output Voltage (Low)
IOL=10mA
IOL=50mA
VCC=5V, IOL=10mA
VCC=5V, IOL=100mA
0
0
0
0
0.15
0.45
0.13
0.65
0.3
0.65
0.3
1
V
VOH
Output Voltage (High)
IOH= 100µA
VCC= 5V, IOH= 150µA
1
4.5
1.1
4.6
1.5
5
V
ZSCT1555
4-312


Similar Part No. - ZSCT1555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
More results

Similar Description - ZSCT1555

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
   Precision Timer
logo
Diodes Incorporated
NE555S DIODES-NE555S Datasheet
673Kb / 14P
   PRECISION TIMER
Rev. 5 - 2 February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
   Precision Timer
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
   SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
   SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502SAL ALD-ALD1502SAL Datasheet
82Kb / 10P
   SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com