Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAC020LH Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # TRAC020LH
Description  TOTALLY RE-CONFIGURABLE ANALOG CIRCUIT - TRAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TRAC020LH Datasheet(HTML) 3 Page - Zetex Semiconductors

  TRAC020LH Datasheet HTML 1Page - Zetex Semiconductors TRAC020LH Datasheet HTML 2Page - Zetex Semiconductors TRAC020LH Datasheet HTML 3Page - Zetex Semiconductors TRAC020LH Datasheet HTML 4Page - Zetex Semiconductors TRAC020LH Datasheet HTML 5Page - Zetex Semiconductors TRAC020LH Datasheet HTML 6Page - Zetex Semiconductors TRAC020LH Datasheet HTML 7Page - Zetex Semiconductors TRAC020LH Datasheet HTML 8Page - Zetex Semiconductors TRAC020LH Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FUNCTION
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
Non
Inverting
Pass
Gain
Vin = ±800mV
0.996
1.000
1.004
Input Resistance
60M
Offset
Vin=0mV
-1.2mV
0mV
1.2mV
Input Current
100nA
260nA
Bandwidth (small signal)
20mV peak-peak
12MHz
Bandwidth (large signal)
500mV peak-peak
3MHz
Negate
Gain
Vin = ±800mV
-1.010
-1.000
-0.990
Input Resistance
30k
40k
50k
Offset
Vin=0mV
-2.4mV
0mV
2.4mV
Bandwidth(small signal)
20mV peak-peak
7MHz
Bandwidth(large signal)
500mV peak-peak
3MHz
Add
Gain
VA=VB =±400mV
-1.012
-1.000
-0.988
Input Resistance
30k
40k
50k
Offset
Vin=0mV
-3.4mV
0mV
3.4mV
Bandwidth (small signal)
20mV peak-peak
6MHz
Bandwidth (large signal)
500mV peak-peak
3MHz
Log
Output Voltage
Vin =±1.000V
±625 mV
±685 mV
±745 mV
Transfer Characteristic
(Change in output for a 10x
change in input voltage)
Vin =±10mV,
±100mV,±1000mV
±60mV
Input Resistance
30k
40k
50k
Auxiliary
Gain
RF = RS =20k
Ω,
-0.993
Input Current
RF = RS =20k
Ω,
Vin = 0 mV
100nA
Offset
RF = RS =20k
Ω,
Vin = 0mV
2.0mV
Output Saturation Voltage V
in =±50mV
<VSS+0.2V
>VDD-1.7V
Open Loop
300
700
TRAC020LH
ELECTRICAL CHARACTERISTICS OF THE CELL
Test Conditions: Temperature = 25 °C, VDD = 3.0V±0.15V, VSS = - 2.0V±0.10V
3


Similar Part No. - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
TRAC-S2Q16 ZETEX-TRAC-S2Q16 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
938Kb / 6P
   24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
762Kb / 4P
   Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
More results

Similar Description - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
N5030 ETC2-N5030 Datasheet
141Kb / 1P
   BOOT TOGGLE TOTALLY ENCLOSING
logo
Supertex, Inc
HV320 SUTEX-HV320 Datasheet
183Kb / 9P
   Accurate, Re-Settable Electronic Circuit Breaker
logo
Analog Devices
6B13 AD-6B13_15 Datasheet
374Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21 Datasheet
361Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11 Datasheet
416Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com