Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAC020LH Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # TRAC020LH
Description  TOTALLY RE-CONFIGURABLE ANALOG CIRCUIT - TRAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TRAC020LH Datasheet(HTML) 5 Page - Zetex Semiconductors

  TRAC020LH Datasheet HTML 1Page - Zetex Semiconductors TRAC020LH Datasheet HTML 2Page - Zetex Semiconductors TRAC020LH Datasheet HTML 3Page - Zetex Semiconductors TRAC020LH Datasheet HTML 4Page - Zetex Semiconductors TRAC020LH Datasheet HTML 5Page - Zetex Semiconductors TRAC020LH Datasheet HTML 6Page - Zetex Semiconductors TRAC020LH Datasheet HTML 7Page - Zetex Semiconductors TRAC020LH Datasheet HTML 8Page - Zetex Semiconductors TRAC020LH Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DESCRIPTION OF PIN FUNCTIONS
DATA
Serial programming data is input to the TRAC via this pin. Each TRAC cell contains
a 3-bit shift register that allows each cell to be programmed to the required analog
function.
RESET
Active low - The pin resets all on-chip shift registers to the logic zero state, which sets
all TRAC cells to the OFF function. The pin should be held high while the device is
being programmed and when the analog functions are in use.
PD
Active low - The pin switches off the bias generators to the analog cells, which turns
off the supply current to all the TRAC cells. This does not influence the programming
of the cells so this feature can be used to reduce power consumption for applications
that have a standby mode. The pin should be held high while the device is being
programmed and when the analog functions are in use. This pin is permanently held
high (VDD) on the TRAC development board.
CLOCK
Used to clock in the serial data to program the TRAC device. The on-chip shift registers
are positive edge triggered.
DOUT
This pin is the serial data output from cell 20 on the TRAC device. This is used for
validation of programming of the TRAC device. This pin also allows two or more
TRAC devices to be connected in a serial architecture. This is done by connecting the
DOUT pin of the first TRAC device to the DATA pin of the second TRAC device, and
connecting the CLOCK pins.
CLCR
Clock Clear. When the TRAC device is used in stand alone applications CLCR is used
as a control pin. It allows the downloading circuitry to be switched off when the
programming serial data from the EEPROM is complete.
IO3..IO22
These are the analog inputs / outputs for cells 1 to 20.
IO1,IO2
These are the analog inputs for cells 1 and 2.
VDD
TRAC positive supply rail (+3V)
AGND
Analog Ground
VSS
TRAC negative supply rail (-2V) - this will also be the system ground
TRAC020LH
5


Similar Part No. - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
TRAC-S2Q16 ZETEX-TRAC-S2Q16 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
938Kb / 6P
   24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
762Kb / 4P
   Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
More results

Similar Description - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
N5030 ETC2-N5030 Datasheet
141Kb / 1P
   BOOT TOGGLE TOTALLY ENCLOSING
logo
Supertex, Inc
HV320 SUTEX-HV320 Datasheet
183Kb / 9P
   Accurate, Re-Settable Electronic Circuit Breaker
logo
Analog Devices
6B13 AD-6B13_15 Datasheet
374Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21 Datasheet
361Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11 Datasheet
416Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com