Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAC020LH Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # TRAC020LH
Description  TOTALLY RE-CONFIGURABLE ANALOG CIRCUIT - TRAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TRAC020LH Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button TRAC020LH Datasheet HTML 2Page - Zetex Semiconductors TRAC020LH Datasheet HTML 3Page - Zetex Semiconductors TRAC020LH Datasheet HTML 4Page - Zetex Semiconductors TRAC020LH Datasheet HTML 5Page - Zetex Semiconductors TRAC020LH Datasheet HTML 6Page - Zetex Semiconductors TRAC020LH Datasheet HTML 7Page - Zetex Semiconductors TRAC020LH Datasheet HTML 8Page - Zetex Semiconductors TRAC020LH Datasheet HTML 9Page - Zetex Semiconductors TRAC020LH Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CELL FUNCTION DETAILS
ADD (code 011)
Can be represented as an operational
amplifier with three resistors of equal value R.
The virtual earth at the inverting input gives:-
Eo = -R(Ea/R + Eb/R) = - (Ea + Eb)
The output is the inverted sum of the input
voltages.
NEGATE (code 010)
The negate function is provided by an adder,
but with only one input, therefore Eo=-Eb
NON INVERTING PASS (code 100)
Used for topological reasons. It provides a
route through the cell with no modification. i.e.
a unity gain amplifier
LOG (code 110)
Can be represented as an operational
amplifier with a pair of back to back diodes in
the negative feedback loop and an input
resistor R. The virtual earth at the inverting
input gives:-
Eo = -kT/q log (Ea/RIo + 1)
where
k = Boltzmann’s constant
T = absolute temperature
q = electron charge
Io=saturation current
ANTI - LOG (code 101)
Similar to the log circuit except that the diodes
and resistors are reversed. The output voltage
is therfore given as :-
Eo = -RIo (exp qEa/KT - 1)
When the signal is processed through both log
and anti-log the magnitude of the saturation
current and absolute temperature cancel.
TRAC020LH
6


Similar Part No. - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
TRAC-S2Q16 ZETEX-TRAC-S2Q16 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
938Kb / 6P
   24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
762Kb / 4P
   Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
More results

Similar Description - TRAC020LH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TRAC-S2 ZETEX-TRAC-S2 Datasheet
202Kb / 8P
   TRAC SUPPORT CIRCUIT
logo
List of Unclassifed Man...
N5030 ETC2-N5030 Datasheet
141Kb / 1P
   BOOT TOGGLE TOTALLY ENCLOSING
logo
Supertex, Inc
HV320 SUTEX-HV320 Datasheet
183Kb / 9P
   Accurate, Re-Settable Electronic Circuit Breaker
logo
Analog Devices
6B13 AD-6B13_15 Datasheet
374Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21 Datasheet
361Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11 Datasheet
416Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com