Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320DM365ZCED30F Datasheet(PDF) 5 Page - Texas Instruments

Part # TMX320DM365ZCED30F
Description  Digital Media System-on-Chip (DMSoC)
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320DM365ZCED30F Datasheet(HTML) 5 Page - Texas Instruments

  TMX320DM365ZCED30F Datasheet HTML 1Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 2Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 3Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 4Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 5Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 6Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 7Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 8Page - Texas Instruments TMX320DM365ZCED30F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 211 page
background image
TMS320DM365
www.ti.com
SPRS457C – MARCH 2009 – REVISED APRIL 2010
1
TMS320DM365 Digital Media System-on-Chip
6
Peripheral Information and Electrical
(DMSoC)
................................................... 1
Specifications
.......................................... 77
6.1
Parameter Information Device-Specific Information
1.1
Features
.............................................. 1
...................................................... 77
1.2
Description
........................................... 3
6.2
Recommended Clock and Control Signal Transition
1.3
Functional Block Diagram
............................ 4
Behavior
............................................ 78
Revision History (Revision C)
............................. 6
6.3
Power Supplies
..................................... 78
2
Device Overview
........................................ 7
6.4
Power-Supply Sequencing
......................... 79
6.5
Reset
............................................... 81
2.1
Device Characteristics
............................... 7
6.6
Oscillators and Clocks
.............................. 82
2.2
Device Compatibility
................................. 8
6.7
Power Management and Real Time Clock
2.3
ARM Subsystem Overview
.......................... 8
Subsystem (PRTCSS)
.............................. 86
2.4
System Control Module
............................. 12
6.8
General-Purpose Input/Output (GPIO)
............. 88
2.5
Power Management
................................ 13
6.9
EDMA Controller
.................................... 90
2.6
Memory Map Summary
............................. 14
6.10
External Memory Interface (EMIF)
................ 100
2.7
Pin Assignments
.................................... 16
6.11
MMC/SD
........................................... 122
6.12
Video Processing Subsystem (VPSS) Overview
2.8
Terminal Functions
................................. 21
..................................................... 125
2.9
Device Support
..................................... 47
6.13
USB 2.0
........................................... 151
3
Device Configurations
................................ 51
6.14
Universal Asynchronous Receiver/Transmitter
3.1
System Module Registers
.......................... 51
(UART)
............................................ 159
3.2
Boot Modes
......................................... 52
6.15
Serial Port Interface (SPI)
......................... 161
3.3
Device Clocking
.................................... 55
6.16
Inter-Integrated Circuit (I2C)
...................... 171
3.4
Power and Sleep Controller (PSC)
................. 63
6.17
Multi-Channel Buffered Serial Port (McBSP)
..... 174
6.18
Timer
.............................................. 183
3.5
Pin Multiplexing
..................................... 64
6.19
Pulse Width Modulator (PWM)
.................... 185
3.6
Device Reset
....................................... 65
6.20
Real Time Out (RTO)
............................. 187
3.7
Default Device Configurations
...................... 65
6.21
Ethernet Media Access Controller (EMAC)
....... 189
3.8
Debugging Considerations
......................... 70
6.22
Management Data Input/Output (MDIO)
.......... 195
4
System Interconnect
.................................. 71
6.23
Host-Port Interface (HPI) Peripheral
.............. 197
5
Device Operating Conditions
....................... 72
6.24
Key Scan
.......................................... 201
5.1
Absolute Maximum Ratings Over Operating Case
6.25
Analog-to-Digital Converter (ADC)
................ 203
Temperature Range
6.26
Voice Codec
....................................... 203
(Unless Otherwise Noted)
................................. 72
6.27
IEEE 1149.1 JTAG
................................ 205
5.2
Recommended Operating Conditions
.............. 73
7
Mechanical Data
...................................... 208
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage
7.1
Thermal Data for ZCE
............................. 208
and Operating Case Temperature (Unless
7.2
Packaging Information
............................ 208
Otherwise Noted)
................................... 75
Copyright © 2009–2010, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM365


Similar Part No. - TMX320DM365ZCED30F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320DM335ZCE135 TI-TMX320DM335ZCE135 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMX320DM335ZCE216 TI-TMX320DM335ZCE216 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMX320DM335ZCEA135 TI-TMX320DM335ZCEA135 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMX320DM335ZCEA216 TI-TMX320DM335ZCEA216 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMX320DM365ZCED30F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com