Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6C596D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596D
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC6C596D Datasheet HTML 4Page - Texas Instruments TPIC6C596D Datasheet HTML 5Page - Texas Instruments TPIC6C596D Datasheet HTML 6Page - Texas Instruments TPIC6C596D Datasheet HTML 7Page - Texas Instruments TPIC6C596D Datasheet HTML 8Page - Texas Instruments TPIC6C596D Datasheet HTML 9Page - Texas Instruments TPIC6C596D Datasheet HTML 10Page - Texas Instruments TPIC6C596D Datasheet HTML 11Page - Texas Instruments TPIC6C596D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPIC6C596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS093C − MARCH 2000 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
tav − Time Duration of Avalanche − ms
0.1
1
10
PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
0.01
0.1
1
TC = 25°C
Figure 6
0
1
2
3
4
5
6
f − Frequency − MHz
VCC = 5 V
TC = −40C° to 125°C
SUPPLY CURRENT
vs
FREQUENCY
0.1
1
10
100
Figure 7
ID − Drain Current − mA
0
5
10
15
20
25
30
50
70
90
110
130
150
170
190
210
VCC = 5 V
See Note A
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
250
TC = 25°C
TC = − 40°C
TC = 125°C
Figure 8
VCC − Logic Supply Voltage − V
0
2
4
6
8
10
12
4.0
4.5
5.0
5.5
6.0
6.5
7.0
ID = 50 mA
See Note A
STATIC
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
TC = 125°C
TC = 25°C
TC = − 40°C
NOTE A: Technique should limit TJ − TC to 10°C maximum.


Similar Part No. - TPIC6C596D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C596D TI-TPIC6C596D Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
467Kb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596DG4 TI-TPIC6C596DG4 Datasheet
467Kb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596DR TI-TPIC6C596DR Datasheet
467Kb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596DRG4 TI-TPIC6C596DRG4 Datasheet
467Kb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6C596D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com