Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22901YFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22901YFPR
Description  ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22901YFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22901YFPR Datasheet HTML 5Page - Texas Instruments TPS22901YFPR Datasheet HTML 6Page - Texas Instruments TPS22901YFPR Datasheet HTML 7Page - Texas Instruments TPS22901YFPR Datasheet HTML 8Page - Texas Instruments TPS22901YFPR Datasheet HTML 9Page - Texas Instruments TPS22901YFPR Datasheet HTML 10Page - Texas Instruments TPS22901YFPR Datasheet HTML 11Page - Texas Instruments TPS22901YFPR Datasheet HTML 12Page - Texas Instruments TPS22901YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
–40
25
85
Temperature(°C)
0
50
100
150
200
250
Input Voltage, V (V)
IN
0
20
40
60
80
100
120
140
160
180
200
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
25
85
Temperature(°C)
25
50
75
100
125
150
175
200
225
250
0
Input Voltage, V (V)
IN
0
20
40
60
80
100
120
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TPS22901, TPS22902, TPS22902B
www.ti.com............................................................................................................................................... SLVS803B – NOVEMBER 2008 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
Figure 5. Quiescent Current vs VIN (VON = VIN, IOUT = 0)
Figure 6. Quiescent Current vs Temperature (VIN = 3.3 V,
IOUT = 0)
Figure 7. IIN(OFF) vs VIN (VON = 0 V)
Figure 8. IIN(OFF) vs Temperature (VIN = 3.3 V)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22901 TPS22902 TPS22902B


Similar Part No. - TPS22901YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results

Similar Description - TPS22901YFPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com