Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4515KTTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4515KTTR
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4515KTTR Datasheet(HTML) 2 Page - Texas Instruments

  TPS7A4515KTTR Datasheet HTML 1Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 2Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 3Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 4Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 5Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 6Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 7Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 8Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS7A45xx
SLVS720C – JUNE 2008 – REVISED SEPTEMBER 2009 ................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1) (2)
PRODUCT
VOUT
xx is nominal output voltage
15 = 1.5 V, 18 = 1.8 V, 25 = 2.5 V, 33 = 3.3 V, 01 = adjustable
TPS7A45xxyyyz
yyy is package designator (DCQ or KTT)
z is package quantity (R = 2500 for DCQ, 500 for KTT)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating virtual-junction temperature range (unless otherwise noted)
IN
–20 V to 20 V
OUT
–20 V to 20 V
Input-to-output differential(2)
–20 V to 20 V
Input voltage range, VIN
SENSE
–20 V to 20 V
ADJ
–7 V to 7 V
SHDN
–20 V to 20 V
Output short-circuit duration, tshort
Indefinite
Maximum lead temperature (10-s soldering time), Tlead
300°C
Operating virtual junction temperature range, TJ
–40°C to 125°C
Storage temperature range, Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Absolute maximum input-to-output differential voltage cannot be achieved with all combinations of rated IN pin and OUT pin voltages.
With the IN pin at 20 V, the OUT pin may not be pulled below 0 V. The total measured voltage from IN to OUT can not exceed ±20 V.
PACKAGE THERMAL DATA
(1)
PACKAGE
BOARD
θJA
θJC
θJP
(2)
TO-223 (DCQ)
Low K, JESD 51-5
53°C/W
15°C/W
N/A
TO-263 (KTT)
High K, JESD 51-5
26.5°C/W
24.1°C/W
0.38°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, and PowerFLEX™,
θJP is defined as the thermal resistance
between the die junction and the bottom of the exposed pad.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS7A45xx


Similar Part No. - TPS7A4515KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515KTTR TI-TPS7A4515KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515KTTR TI-TPS7A4515KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515KTTR TI1-TPS7A4515KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4515KTTR TI1-TPS7A4515KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4515KTTRG3 TI-TPS7A4515KTTRG3 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A4515KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com