Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2054B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2054B
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2054B Datasheet(HTML) 1 Page - Texas Instruments

  TPS2054B Datasheet HTML 1Page - Texas Instruments TPS2054B Datasheet HTML 2Page - Texas Instruments TPS2054B Datasheet HTML 3Page - Texas Instruments TPS2054B Datasheet HTML 4Page - Texas Instruments TPS2054B Datasheet HTML 5Page - Texas Instruments TPS2054B Datasheet HTML 6Page - Texas Instruments TPS2054B Datasheet HTML 7Page - Texas Instruments TPS2054B Datasheet HTML 8Page - Texas Instruments TPS2054B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
D−16
D−8
DBV−5
DRB−8
DGN−8
1
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IN2
EN3†
NC
OC3
OUT3
NC
NC
1
2
3
4
8
7
6
5
GND
IN
IN
EN†
OUT
OUT
OUT
OC
TPS2041B/TPS2051B
D ANDDGNPACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
GND
IN
IN
EN1
EN1
EN2
EN2
OC1
OC1
OUT1
OUT1
OUT2
OUT2
OC2
OC2
TPS2042B/TPS2052B
DRBPACKAGES
(TOP VIEW)
OC1
OUT1
OUT2
OC2
GND
IN1
EN1†
EN2†
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IN2
EN3†
EN4†
OC3
OUT3
OUT4
OC4
OC1
OUT1
OUT2
OC2
GND
IN1
EN1†
EN2†
− Noconnect
NC
Allenableinputsareactivehighforthe TPS205xBseries.
TPS2044B/TPS2054B
D PACKAGE
(TOP VIEW)
TPS2043B/TPS2053B
DPACKAGE
(TOP VIEW)
GND
OUT
TPS2041B/TPS2051B
DBVPACKAGE
(TOP VIEW)
OC
IN
EN
4
3
2
1
5
6
7
8
TPS2042B/TPS2052B
D ANDDGNPACKAGES
(TOP VIEW)
DESCRIPTION
TPS2041B
,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
www.ti.com .................................................................................................................................................. SLVS514J – APRIL 2004 – REVISED DECEMBER 2008
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
• Heavy Capacitive Loads
2
• 70-mΩ High-Side MOSFET
• Short-Circuit Protections
• 500-mA Continuous Current
• Thermal and Short-Circuit Protection
• Accurate Current Limit
(0.75 A min, 1.25 A max)
• Operating Range: 2.7 V to 5.5 V
• 0.6-ms Typical Rise Time
• Undervoltage Lockout
• Deglitched Fault Report (OC)
• No OC Glitch During Power Up
• Maximum Standby Supply Current:
1-
µA (Single, Dual) or 2-µA (Triple, Quad)
• Ambient Temperature Range: -40°C to 85°C
• UL Recognized, File Number E169910
• Additional UL Recognition for TPS2042B and
TPS2052B for Ganged Configuration
The TPS204xB/TPS205xB power-distribution switches are intended for applications where heavy capacitive
loads and short circuits are likely to be encountered. These devices incorporates 70-m
Ω N-channel MOSFET
power switches for power-distribution systems that require multiple power switches in a single package. Each
switch is controlled by a logic enable input. Gate drive is provided by an internal charge pump designed to
control the power-switch rise times and fall times to minimize current surges during switching. The charge pump
requires no external components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 1 A
typically.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2054B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2054B TI-TPS2054B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054B TI-TPS2054B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054B TI-TPS2054B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054B TI1-TPS2054B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054B TI1-TPS2054B Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2054B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com