Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ7422RJC2TB Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RJ7422RJC2TB
Description  RJ High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJ7422RJC2TB Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RJ7422RJC2TB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJ7422RJC2TB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJ7422RJC2TB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
22R
B
C6
RJ16
P
Part Number: RJ72
RJ73
RJ74
RJ73S
RJ74S
RJ16M
Rated Power (W)
03 of 03
Code
Resistance Tolerance (%)
A5
±0.05
B
±0.10
C
±0.25
D
±0.5%
F
±1.00
J
±5.00
Resistance Tolerance (%)
Code
Temperature Coefficient (ppm/°C)
C7
±5
C6
±10
C5
±15
C3
±25
C2
±50
C1
±100
Temperature Coefficient (ppm/°C)
Packaging
Code
Packaging
P
Bulk
TB
Taping Box
Code
Resistance Tolerance (%)
22R
22Ω
220R
220Ω
2K2
2.2KΩ
22K
22KΩ
2M2
2.2MΩ
22M
22MΩ
Version 2010
Back to 1st Page - Precision Resistors (RJ)
RJ High Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RJ7422RJC2TB

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
RJ7-1201ND2 PMI-RJ7-1201ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
RJ7-1202ND2 PMI-RJ7-1202ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
RJ7-1203ND2 PMI-RJ7-1203ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
RJ7-1204ND2 PMI-RJ7-1204ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
logo
List of Unclassifed Man...
RJ717 ETC2-RJ717 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
More results

Similar Description - RJ7422RJC2TB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com