Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63010 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS63010
Description  HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63010 Datasheet(HTML) 3 Page - Texas Instruments

  TPS63010_09 Datasheet HTML 1Page - Texas Instruments TPS63010_09 Datasheet HTML 2Page - Texas Instruments TPS63010_09 Datasheet HTML 3Page - Texas Instruments TPS63010_09 Datasheet HTML 4Page - Texas Instruments TPS63010_09 Datasheet HTML 5Page - Texas Instruments TPS63010_09 Datasheet HTML 6Page - Texas Instruments TPS63010_09 Datasheet HTML 7Page - Texas Instruments TPS63010_09 Datasheet HTML 8Page - Texas Instruments TPS63010_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ELECTRICAL CHARACTERISTICS
TPS63010
TPS63011
TPS63012
www.ti.com ........................................................................................................................................................ SLVS653A – JUNE 2008 – REVISED AUGUST 2009
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
2
5.5
V
VI
Input voltage range for startup
2.1
5.5
V
VO
TPS63010 output voltage range
1.2
5.5
V
VFB
TPS63010 feedback voltage
0°C
≤ TA ≤ 60°C
492.5
500
503.5
mV
VFB
TPS63010 feedback voltage
489
500
507
mV
TPS63011 output voltage
VSEL = LOW, 0°C
≤ TA ≤ 60°C
2.758
2.8
2.842
V
TPS63011 output voltage
VSEL = LOW
2.750
2.8
2.850
V
TPS63011 output voltage
VSEL = HIGH, 0°C
≤ TA ≤ 60°C
3.251
3.3
3.350
V
TPS63011 output voltage
VSEL = HIGH
3.241
3.3
3.359
V
TPS63012 output voltage
VSEL = LOW, 0°C
≤ TA ≤ 60°C
2.857
2.9
2.944
V
TPS63012 output voltage
VSEL = LOW
2.848
2.9
2.952
V
TPS63012 output voltage
VSEL = HIGH, 0°C
≤ TA ≤ 60°C
3.349
3.4
3.451
V
TPS63012 output voltage
VSEL = HIGH
3.339
3.4
3.461
V
f
Oscillator frequency
2200
2400
2600
kHz
Frequency range for synchronization
2200
3000
kHz
ISW
Switch current limit
VIN = VINA = 3.6 V, TA = 25°C
2000
2200
2400
mA
High side switch on resistance
VIN = VINA = 3.6 V
100
m
Low side switch on resistance
VIN = VINA = 3.6 V
100
m
Maximum line regulation
PS = HIGH
0.5%
Maximum load regulation
PS = HIGH
0.5%
VIN
1
2
µA
VINA
40
50
µA
IO = 0 mA, VEN = VIN = VINA = 3.6 V,
VOUT
Iq
Quiescent current
VOUT = 3.3 V
(adjustable
4
6
µA
output voltage
version)
FB input impedance (fixed output
1
M
voltage versions)
VIN
VEN = 0 V, VIN = VINA = 3.6 V
0.1
1
µA
IS
Shutdown current
PS, SYNC, VSEL clamped on GND or
VINA
0.1
1.5
µA
VINA
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Undervoltage lockout threshold
VINA voltage decreasing
1.5
1.7
1.8
V
EN, PS, SYNC, VSEL input low
0.4
V
VIL
voltage
EN, PS, SYNC, VSEL input high
1.2
V
VIH
voltage
EN, PS, SYNC, VSEL input current
Clamped on GND or VINA
0.01
0.1
µA
Output overvoltage protection
6.5
V
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS63010 TPS63011 TPS63012


Similar Part No. - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010YFF TI-TPS63010YFF Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI1-TPS63010YFF Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI1-TPS63010YFFR Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results

Similar Description - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com