Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63010 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63010
Description  HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63010 Datasheet(HTML) 2 Page - Texas Instruments

  TPS63010 Datasheet HTML 1Page - Texas Instruments TPS63010 Datasheet HTML 2Page - Texas Instruments TPS63010 Datasheet HTML 3Page - Texas Instruments TPS63010 Datasheet HTML 4Page - Texas Instruments TPS63010 Datasheet HTML 5Page - Texas Instruments TPS63010 Datasheet HTML 6Page - Texas Instruments TPS63010 Datasheet HTML 7Page - Texas Instruments TPS63010 Datasheet HTML 8Page - Texas Instruments TPS63010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
TPS63010
TPS63011
TPS63012
SLVS653A – JUNE 2008 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT
PACKAGE
OUTPUT VOLTAGE
VOLTAGE
TA
PACKAGE
PART NUMBER(2)
DC/DC at VSEL = 1
DC/DC at
MARKING
VSEL = 0
Adjustable
Adjustable
TPS63010
TPS63010YFF
- 40°C to 85°C
3.3 V
2.8 V
TPS63011
20-Pin WCSP
TPS63011YFF
3.4 V
2.9 V
TPS63012
TPS63012YFF
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The YFF package is available taped and reeled. Add R suffix to device type (e.g., TPS63010YFFR) to order quantities of 3000 devices
per reel. Add T suffix to device type (e.g., TPS63010YFFT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
TPS6301x
UNITS
VI
Input voltage range on VIN, VINA, VINA1, L1, L2, VOUT, PS, SYNC, VSEL,
– 0.3 to 7
V
EN, FB
TJ
Operating junction temperature range
– 40 to 150
°C
Tstg
Storage temperature range
– 65 to 150
Human Body Model (HBM) (2)
2.5
kV
ESD Voltage
Machine Model (MM) (2)
150
V
Charged Device Model (CDM)(2)
1
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL RESISTANCE
POWER RATING
DERATING FACTOR ABOVE
PACKAGE(1)
ΘJA
TA≤ 25°C
TA = 25°C
YFF
84 °C/W
1190 mW
12 mW/°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
MIN
NOM
MAX UNIT
Supply voltage at VIN, VINA
2
5.5
V
Operating free air temperature range, TA
– 40
85
°C
Operating junction temperature range, TJ
– 40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS63010 TPS63011 TPS63012


Similar Part No. - TPS63010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI-TPS63010YFF Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI1-TPS63010YFF Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results

Similar Description - TPS63010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com