Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62677 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62677
Description  500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62677 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62677 Datasheet HTML 4Page - Texas Instruments TPS62677 Datasheet HTML 5Page - Texas Instruments TPS62677 Datasheet HTML 6Page - Texas Instruments TPS62677 Datasheet HTML 7Page - Texas Instruments TPS62677 Datasheet HTML 8Page - Texas Instruments TPS62677 Datasheet HTML 9Page - Texas Instruments TPS62677 Datasheet HTML 10Page - Texas Instruments TPS62677 Datasheet HTML 11Page - Texas Instruments TPS62677 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
1
10
100
1000
I
-LoadCurrent-mA
O
L =muRataLQM21PN1R0NGR
L =muRata
LQM18PN1R5-B35
L =muRataLQM21PN1R0MC0
V -3.6V,
V
=1.2V
PFM/PWMOperation
I
O
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
- Load Current - mA
O
V = 2.7 V
PWM Operation
I
V = 4.2 V
PWM Operation
I
V = 3.6 V
PWM Operation
I
V
= 1.26 V
O
2.5
2.8
3.1
3.4
3.7
4.0
4.3
4.6 4.8
V - Input Voltage - V
I
70
72
74
76
78
80
82
84
86
88
90
I
= 10 mA
O
I
= 100 mA
O
I
= 300 mA
O
I
= 1 mA
O
V
= 1.2 V
PFM/PWM Operation
O
I
- Load Current - mA
O
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
V
= 1.8 V
O
TPS6267x
SLVS952 – APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
EFFICIENCY
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS6267x


Similar Part No. - TPS62677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62671 TI-TPS62671 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62671 TI1-TPS62671 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671YFD TI1-TPS62671YFD Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671YFDR TI1-TPS62671YFDR Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671YFDT TI1-TPS62671YFDT Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
More results

Similar Description - TPS62677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com