Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G57GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G57GW
Description  Low-power configurable multiple function gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G57GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G57GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC1G57_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2007
7 of 17
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 1.65 V to 1.95 V
1.0
6.0
14.4
1.0
18
ns
VCC = 2.3 V to 2.7 V
0.5
3.5
8.3
0.5
10.4
ns
VCC = 2.7 V
0.5
4.2
8.5
0.5
10.6
ns
VCC = 3.0 V to 3.6 V
0.5
3.8
6.3
0.5
7.9
ns
VCC = 4.5 V to 5.5 V
0.5
3.0
5.1
0.5
6.4
ns
CPD
power dissipation
capacitance
VCC = 3.3 V; VI = GND to VCC
[3]
-22-
-
-
pF
Measurement points are given in Table 10.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times
Y output
A, B, C input
Y output
GND
VI
VOH
VOH
VOL
VOL
VM
VM
VM
VM
VM
VM
tPLH
tPLH
tPHL
tPHL
001aab593


Similar Part No. - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57GW PHILIPS-74LVC1G57GW Datasheet
99Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Nexperia B.V. All right...
74LVC1G57GW NEXPERIA-74LVC1G57GW Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57GW-Q100 NEXPERIA-74LVC1G57GW-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Similar Description - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com