Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22944 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22944
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22944 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22944 Datasheet HTML 7Page - Texas Instruments TPS22944 Datasheet HTML 8Page - Texas Instruments TPS22944 Datasheet HTML 9Page - Texas Instruments TPS22944 Datasheet HTML 10Page - Texas Instruments TPS22944 Datasheet HTML 11Page - Texas Instruments TPS22944 Datasheet HTML 12Page - Texas Instruments TPS22944 Datasheet HTML 13Page - Texas Instruments TPS22944 Datasheet HTML 14Page - Texas Instruments TPS22944 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–3.0
3.5
4.0
4.5
5.0
–50
0
50
100
150
200
250
300
350
400
450
Time ( s)
m
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–6
7
8
9
10
C = 0.1 F
L
m
R = 500
V
= 3.3 V
L
IN
W
VON
IOUT
20 ms/DIV
I
OUT
100 mA/DIV
V
OC
2 V/DIV
V
OUT
2 V/DIV
V
DRV
2 V/DIV
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–3.0
3.5
4.0
4.5
5.0
–50
0
50
100
150
200
250
300
350
400
450
Time ( s)
m
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–6
7
8
9
10
C = 0.1 F
L
m
R = 500
V
= 3.3 V
L
IN
W
VON
IOUT
10
s/DIV
m
I
OUT
400 mA/DIV
V
OUT
2 V/DIV
V
IN
2 V/DIV
C
= 10
F
= 1
F
IN
m
m
C
OUT
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
www.ti.com
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
TYPICAL PERFORMANCE (continued)
Figure 20. tRESTART Response
Figure 21. tON Response
Figure 22. tON Response
Figure 23. Short-Circuit Response Time (Output Shorted to
Ground)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945


Similar Part No. - TPS22944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22944 TI-TPS22944 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22944DCKR TI-TPS22944DCKR Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
More results

Similar Description - TPS22944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
logo
STMicroelectronics
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
   Short-circuit protection based on auto-restart feature
November 2008 Rev 1
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
   Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com