Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40304ADRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40304ADRCR
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40304ADRCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS40304ADRCR Datasheet HTML 1Page - Texas Instruments TPS40304ADRCR Datasheet HTML 2Page - Texas Instruments TPS40304ADRCR Datasheet HTML 3Page - Texas Instruments TPS40304ADRCR Datasheet HTML 4Page - Texas Instruments TPS40304ADRCR Datasheet HTML 5Page - Texas Instruments TPS40304ADRCR Datasheet HTML 6Page - Texas Instruments TPS40304ADRCR Datasheet HTML 7Page - Texas Instruments TPS40304ADRCR Datasheet HTML 8Page - Texas Instruments TPS40304ADRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
5
4
3
2
6
7
8
9
BOOT
HDRV
SW
LDRV/OC
FB
COMP
PGOOD
EN/SS
TPS40304A
1
10
BP
VDD
PAD
V
IN
SD
V
OUT
V
IN
UDG-10008
V
OUT
GND
TPS40304A
www.ti.com
SLUSA30 – FEBRUARY 2010
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Check for Samples: TPS40304A
1
FEATURES
CONTENTS
Input Voltage Range from 3 V to 20 V
Device Ratings
2
Fixed 600-kHz Switching Frequency
Electrical Characteristics
3
High- and Low-Side FET RDS(on) Current
Device Information
8
Sensing
Application Information
10
Programmable Thermally Compensated OCP
Additional References
13
Levels
X
Programmable Soft-Start
591-mV, 1% Reference Voltage
APPLICATIONS
Voltage Feed-Forward Compensation
POL Modules
Supports Pre-Biased Output
Printer
Frequency Spread Spectrum
Digital TV
Thermal Shutdown Protection at 145°C
Telecom
10-Pin 3 mm × 3 mm SON Package with
Ground Connection to Thermal Pad
DESCRIPTION
The TPS40304A is a cost-optimized synchronous buck controller that operates from 3-V to 20-V input. The
controller implements a voltage-mode control architecture with input-voltage feed-forward compensation that
responds instantly to input voltage change. The switching frequency is fixed at 600 kHz.
Frequency Spread Spectrum feature adds dither to the switching frequency, significantly reducing the peak EMI
noise and making it much easier to comply with EMI standards.
The TPS40304A offers design with a variety of user programmable functions, including soft-start, overcurrent
protection (OCP) levels, and loop compensation.
The OCP level is programmed by a single external resistor connected from LDRV pin to circuit ground. During
initial power on, the TPS40304A enters a calibration cycle, measures the voltage at the LDRV pin, and sets an
internal OCP voltage level. During operation, the programmed OCP voltage level is compared to the voltage drop
across the low-side FET when it is on to determine whether there is an overcurrent condition. The TPS40304A
then enters a shutdown and restart cycle until the fault is removed.
SIMPLIFIED APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40304ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40304ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com