Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61195RUY Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61195RUY
Description  TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61195RUY Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61195RUY Datasheet HTML 4Page - Texas Instruments TPS61195RUY Datasheet HTML 5Page - Texas Instruments TPS61195RUY Datasheet HTML 6Page - Texas Instruments TPS61195RUY Datasheet HTML 7Page - Texas Instruments TPS61195RUY Datasheet HTML 8Page - Texas Instruments TPS61195RUY Datasheet HTML 9Page - Texas Instruments TPS61195RUY Datasheet HTML 10Page - Texas Instruments TPS61195RUY Datasheet HTML 11Page - Texas Instruments TPS61195RUY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0
50
100
150
200
250
300
I
-OutputCurrent-mA
O
V
=10.8V
IN
V
=33V
OUT
V
=41V
OUT
V
=37V
OUT
V
=29V
OUT
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0
50
100
150
200
250
300
I
-OutputCurrent-mA
O
V
=33V
OUT
V
=21V
IN
V
=10.8V
IN
V
=7V
IN
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
20
40
60
80
100
PWM - %
VIN=7V
V
IN=10.8V
VIN=21V
VOUT
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
20
40
60
80
100
PWM - %
VIN=7V
VIN=10.8V
VIN=21V
VOUT = 33V
TPS61195
SLVSA07 – MAY 2010
www.ti.com
EFFICIENCY vs LOAD
EFFICIENCY vs LOAD
Figure 1.
Figure 2.
EFFICIENCY vs PWM DUTY
EFFICIENCY vs PWM DUTY
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61195


Similar Part No. - TPS61195RUY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195RUYR TI-TPS61195RUYR Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUYT TI-TPS61195RUYT Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
More results

Similar Description - TPS61195RUY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
   The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
   Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com