Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22944DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22944DCKR
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22944DCKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22944DCKR Datasheet HTML 1Page - Texas Instruments TPS22944DCKR Datasheet HTML 2Page - Texas Instruments TPS22944DCKR Datasheet HTML 3Page - Texas Instruments TPS22944DCKR Datasheet HTML 4Page - Texas Instruments TPS22944DCKR Datasheet HTML 5Page - Texas Instruments TPS22944DCKR Datasheet HTML 6Page - Texas Instruments TPS22944DCKR Datasheet HTML 7Page - Texas Instruments TPS22944DCKR Datasheet HTML 8Page - Texas Instruments TPS22944DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
www.ti.com
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES
WITH SHUT OFF AND AUTO-RESTART FEATURE
Check for Samples: TPS22941 TPS22942 TPS22943 TPS22944 TPS22945
1
FEATURES
DESCRIPTION
Input Voltage Range: 1.62 V to 5.5 V
Low ON resistance
The TPS2294x load switches provide protection to
systems and loads in high-current conditions. The
rON = 0.4 Ω at VIN = 5.5 V
devices contain a 400-m
Ω current-limited P-channel
rON = 0.5 Ω at VIN = 3.3 V
MOSFET that can operate over an input voltage
rON = 0.6 Ω at VIN = 2.5 V
range of 1.62 V to 5.5 V. Current is prevented from
flowing when the MOSFET is off. The switch is
rON = 0.8 Ω at VIN = 1.8 V
controlled by an on/off input (ON), which is capable of
Minimum Current Limit: 40 mA or 100 mA
interfacing directly with low-voltage control signals.
Undervoltage Lockout
The TPS2294x includes thermal shutdown protection
that
prevents
damage
to
the
device
when
a
Thermal Shutdown
continuous over-current condition causes excessive
Shutdown Current < 1
μA
heating by turning off the switch.
Fast Current Limit Response Time
When the switch current reaches the maximum limit,
Fault Blanking
the TPS22941/2/3/4/5 operates in a constant-current
Auto Restart
mode to prohibit excessive currents from causing
damage. TPS22941/3 has a current limit of 40 mA
1.8-V Compatible Control Input Thresholds
and TPS22942/4/5 has a current limit of 100 mA.
ESD Performance Tested Per JESD 22
For
the
TPS22941/2/5,
if
the
constant
current
4000-V Human-Body Model
condition still persists after 10ms, these parts shut off
(A114-B, Class II)
the switch and pull the fault signal pin (OC) low. The
1000-V Charged-Device Model (C101)
TPS22941/2/5, have an auto-restart feature that turns
Tiny SC-70 (DCK) Package
the switch on again after 80 ms if the ON pin is still
active. A current limit condition on the TPS22943 and
on the TPS22944 immediately pull the fault signal pin
APPLICATIONS
low
(OC
pin)
and
the
part
remains
in
the
Low-Current Sensor Protection
constant-current mode until the switch current falls
HDMI Connector Protection
below the current limit.
Notebooks
The TPS2294x is available in a SC70-5 (DCK)
PDAs
package. It is characterized for operation over the
GPS Devices
free-air temperature range of –40°C to 85°C.
MP3 Players
Peripheral Ports
Table 1. Feature List
MINIMUM CURRENT LIMIT
CURRENT LIMIT
DEVICE
AUTO-RESTART TIME (ms)
ON PIN ACTIVITY
(mA)
BLANKING TIME (ms)
TPS22941
40
10
80
Active LOW
TPS22942
100
10
80
Active LOW
TPS22943
40
0
N/A
Active HIGH
TPS22944
100
0
N/A
Active HIGH
TPS22945
100
10
80
Active HIGH
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22944DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22944DCKR TI-TPS22944DCKR Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
More results

Similar Description - TPS22944DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
logo
STMicroelectronics
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
   Short-circuit protection based on auto-restart feature
November 2008 Rev 1
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
   Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com