Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC2813E Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZC2813E
Description  DUAL SCHOTTKY BARRIER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC2813E Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZC2813E Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 DUAL SCHOTTKY
BARRIER DIODES
ISSUE 3 - NOVEMBER 1995
7
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN. TYP.
MAX. UNIT
CONDITIONS.
Breakdown Voltage
VBR 15
V
IR=10µA
Reverse Leakage Current
IR
100
nA
VR=10V
Forward Voltage
VF
410
mV
IF=1mA
Forward Current
IF
20
mA
VF=1V
Capacitance
CT
1.2
pF
VR=0 V, f=1MHz
Effective Minority Lifetime (1)
τ
100
ps
f= 54 MHz, Ipk=20mA
(1) Sample Test.
For typical characteristics graphs see ZC2811E datasheet.
ZC2812E
ZC2813E
1
3
2
SOT23
1
3
2
1
2
3
ZC2813E
ZC2812E
Device
Common Anode
Series
Type
13E
12E
Part Marking
3 - 315


Similar Part No. - ZC2813E

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2811 ZETEX-ZC2811 Datasheet
104Kb / 3P
   SCHOTTKY BARRIER DIODES
ZC2811 ZETEX-ZC2811 Datasheet
89Kb / 3P
   SCHOTTKY BARRIER DIODES
ZC2811E ZETEX-ZC2811E Datasheet
104Kb / 3P
   SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
ZC2811E DIODES-ZC2811E Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZC2811E DIODES-ZC2811E Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
More results

Similar Description - ZC2813E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD54DWT1 ONSEMI-MBD54DWT1 Datasheet
51Kb / 4P
   Dual Schottky Barrier Diodes
February, 2005 ??Rev. 6
logo
Unisonic Technologies
BAT54A UTC-BAT54A_11 Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54ATB UTC-BAT54ATB Datasheet
182Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DW UTC-BAT54DW Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54SW UTC-BAT54SW Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1G ONSEMI-MBD110DWT1G_07 Datasheet
155Kb / 6P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 6
MBD54DWT1G ONSEMI-MBD54DWT1G_09 Datasheet
135Kb / 4P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 7
MBD110DWT1G ONSEMI-MBD110DWT1G_12 Datasheet
112Kb / 6P
   Dual Schottky Barrier Diodes
September, 2011 ??Rev. 7
logo
Unisonic Technologies
BAT54CTB UTC-BAT54CTB Datasheet
166Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com