Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC930 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZC930
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC930 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZC930 Datasheet HTML 1Page - Zetex Semiconductors ZC930 Datasheet HTML 2Page - Zetex Semiconductors ZC930 Datasheet HTML 3Page - Zetex Semiconductors ZC930 Datasheet HTML 4Page - Zetex Semiconductors ZC930 Datasheet HTML 5Page - Zetex Semiconductors ZC930 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZC930, ZMV930, ZV931 series
ISSUE 6 - JANUARY 2002
5
DIM
Millimetres
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
1.10
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM
0.95
NOM
0.037
SOT23 PACKAGE DIMENSIONS
SOD323 PACKAGE DIMENSIONS
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
0.91
1.16
0.036
0.046
B
0.0
0.1
0.0
0.004
D
0.33
0.4
0.013
0.016
E
0.127
0.2
0.005
0.008
F
1.52
1.77
0.060
0.070
G
1.11
1.37
0.044
0.054
H
2.46
2.71
0.097
0.107


Similar Part No. - ZC930

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC930TA ZETEX-ZC930TA Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZC930

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com