Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2065DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065DBVT
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2065DBVT Datasheet HTML 6Page - Texas Instruments TPS2065DBVT Datasheet HTML 7Page - Texas Instruments TPS2065DBVT Datasheet HTML 8Page - Texas Instruments TPS2065DBVT Datasheet HTML 9Page - Texas Instruments TPS2065DBVT Datasheet HTML 10Page - Texas Instruments TPS2065DBVT Datasheet HTML 11Page - Texas Instruments TPS2065DBVT Datasheet HTML 12Page - Texas Instruments TPS2065DBVT Datasheet HTML 13Page - Texas Instruments TPS2065DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
VI(EN)
5 V/div
VO(OUT)
2 V/div
RL = 5 W,
CL = 100 mF
TA = 255C
t − Time − 500 ms/div
VO(OUT)
2 V/div
VI(EN)
5 V/div
RL = 5 W,
CL = 100 mF
TA = 255C
t − Time − 500 ms/div
VI(EN)
5 V/div
IO(OUT)
500 mA/div
t − Time − 500 ms/div
VI(EN)
5 V/div
IO(OUT)
500 mA/div
470 mF
100 mF
220 mF
VIN = 5 V
RL = 5 W,
TA = 255C
t − Time − 1 ms/div
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490I – DECEMBER 2003 – REVISED OCTOBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 4. Turnon Delay and Rise Time With 100-
μF
Figure 5. Turnoff Delay and Fall Time With 100-
μF
Load
Load
Figure 6. Short-Circuit Current,
Figure 7. Inrush Current With Different
Device Enabled Into Short
Load Capacitance
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067


Similar Part No. - TPS2065DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065DBV TI-TPS2065DBV Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2065DBVT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com