Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62403 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62403
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62403 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62403 Datasheet HTML 1Page - Texas Instruments TPS62403 Datasheet HTML 2Page - Texas Instruments TPS62403 Datasheet HTML 3Page - Texas Instruments TPS62403 Datasheet HTML 4Page - Texas Instruments TPS62403 Datasheet HTML 5Page - Texas Instruments TPS62403 Datasheet HTML 6Page - Texas Instruments TPS62403 Datasheet HTML 7Page - Texas Instruments TPS62403 Datasheet HTML 8Page - Texas Instruments TPS62403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
SLVS681E – JUNE 2006 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART
DEFAULT OUTPUT
OUTPUT
QFN(2)
PACKAGE
TA
ORDERING(3)
NUMBER
VOLTAGE (1)
CURRENT
PACKAGE
MARKING
OUT1
400mA
TPS62400
Adjustable
DRC
TPS62400DRC
BQE
OUT2
600mA
DEF_1 = High 1.1V
Fixed
OUT1
400mA
default
TPS62401
DEF_1 = Low 1.575V
DRC
TPS62401DRC
BRN
OUT2
Fixed default 1.8V
600mA
OUT1
DEF_1 = High 1.8V
Fixed
400mA
default
TPS62402
DEF_1 = Low 1.2V
DRC
TPS62402DRC
BYH
–40°C to 85°C
OUT2
Fixed default 3.3V
600mA
DEF_1 = High 1.1V
Fixed
OUT1
400mA
default
TPS62403
DEF_1 = Low 1.575V
DRC
TPS62403DRC
BYI
OUT2
Fixed default 2.8V
600mA
DEF_1 = High 1.9V
Fixed
OUT1
400mA
default
TPS62404
DEF_1 = Low 1.2V
DRC
TPS62404DRC
PTVI
OUT2
Fixed default 3.3V
600mA
(1)
Contact TI for other fixed output voltage options.
(2)
The DRC (QFN 10 PIN) package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts
per reel.
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range on VIN
(2)
–0.3 to 7
V
Voltage range on EN, MODE/DATA, DEF_1
–0.3 to VIN +0.3, ≤ 7
V
current into MODE/DATA
≤ 0.5
mA
Voltage on SW1, SW2
–0.3 to 7
V
Voltage on ADJ2, FB1
–0.3 to VIN +0.3, ≤ 7
V
HBM Human body model
2
kV
ESD
Charge device model CDM
1
kV
rating(3)
Machine model
200
V
TJ(max)
Maximum operating junction temperature
150
°C
TA
Operating ambient temperature range
–40 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
PACKAGE
RqJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRC
49°C/W
2050mW
21mW/°C
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Similar Part No. - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI1-TPS62403 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62403 TI1-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com