Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2065DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065DR
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2065DR Datasheet HTML 1Page - Texas Instruments TPS2065DR Datasheet HTML 2Page - Texas Instruments TPS2065DR Datasheet HTML 3Page - Texas Instruments TPS2065DR Datasheet HTML 4Page - Texas Instruments TPS2065DR Datasheet HTML 5Page - Texas Instruments TPS2065DR Datasheet HTML 6Page - Texas Instruments TPS2065DR Datasheet HTML 7Page - Texas Instruments TPS2065DR Datasheet HTML 8Page - Texas Instruments TPS2065DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490I – DECEMBER 2003 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 1 A, VI(ENx) = 0 V, or VI(ENx) = 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
ENABLE INPUT EN OR EN
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
II
Input current
VI(ENx) = 0 V or 5.5 V, VI(ENx) = 0 V or 5.5 V
-0.5
0.5
μA
ton
Turnon time
CL = 100 μF, RL = 5 Ω
3
ms
toff
Turnoff time
CL = 100 μF, RL = 5 Ω
10
CURRENT LIMIT
TJ = 25°C
1.1
1.5
1.9
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
A
device enabled into short-circuit
-40°C
≤ TJ ≤ 125°C
1.1
1.5
2.1
TPS2061, TPS2062,
1.6
2.3
2.7
TPS2065, TPS2066
IOC_TRIP
Overcurrent trip threshold
VI(IN) = 5 V, current ramp (≤ 100 A/s) on OUT
A
TPS2063, TPS2067
1.6
2.4
3.0
SUPPLY CURRENT (TPS2061, TPS2065)
TJ = 25°C
0.5
1
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
μA
or VI(ENx) = 0 V
-40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
μA
or VI(ENx) = 5.5 V
-40°C
≤ TJ ≤ 125°C
43
70
OUT connected to ground, VI(EN) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
μA
or VI(EN) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0
μA
SUPPLY CURRENT (TPS2062, TPS2066)
TJ = 25°C
0.5
1
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
μA
or VI(ENx) = 0 V
-40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
50
70
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
μA
or VI(ENx) = 5.5 V
-40°C
≤ TJ ≤ 125°C
50
90
OUT connected to ground, VI(/ENx) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
μA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0.2
μA
SUPPLY CURRENT (TPS2063, TPS2067)
TJ = 25°C
0.5
2
Supply current, low-level output
No load on OUT, VI(ENx) = 0 V
μA
-40°C
≤ TJ ≤ 125°C
0.5
10
TJ = 25°C
65
90
Supply current, high-level output
No load on OUT, VI(ENx) = 5.5 V
μA
-40°C
≤ TJ ≤ 125°C
65
110
OUT connected to ground, VI(ENx) = 5.5 V,
Leakage current
-40°C
≤ TJ ≤ 125°C
1
μA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground
TJ = 25°C
0.2
μA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN
2
2.5
V
Hysteresis, IN
TJ = 25°C
75
mV
OVERCURRENT OC1 and OC2
Output low voltage, VOL(OCx)
IO(OCx) = 5 mA
0.4
V
Off-state current
VO(OCx) = 5 V or 3.3 V
1
μA
OC deglitch
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(2)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(2)
The thermal shutdown only reacts under overcurrent conditions.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067


Similar Part No. - TPS2065DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065DR TI-TPS2065DR Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DRG4 TI-TPS2065DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2065DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com