Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G06GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC3G06GD
Description  Triple inverter with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G06GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVC3G06_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 12 March 2009
6 of 16
NXP Semiconductors
74LVC3G06
Triple inverter with open-drain output
[1]
All typical values are measured at Tamb = 25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--V
VIL
LOW-level input
voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
--
±20
µA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = VCC or GND;
VCC = 5.5 V
--
±10
µA
IOFF
power-off leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
-
±20
µA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
--40
µA
∆ICC
additional supply
current
per pin; VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
--5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74LVC3G06GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G06GN NEXPERIA-74LVC3G06GN Datasheet
254Kb / 15P
   Triple inverter with open-drain output
Rev. 15 - 20 April 2021
74LVC3G06GS NEXPERIA-74LVC3G06GS Datasheet
254Kb / 15P
   Triple inverter with open-drain output
Rev. 15 - 20 April 2021
logo
NXP Semiconductors
74LVC3G06GT PHILIPS-74LVC3G06GT Datasheet
81Kb / 15P
   Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G06GT NEXPERIA-74LVC3G06GT Datasheet
254Kb / 15P
   Triple inverter with open-drain output
Rev. 15 - 20 April 2021
More results

Similar Description - 74LVC3G06GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G06 NEXPERIA-74LVC3G06 Datasheet
254Kb / 15P
   Triple inverter with open-drain output
Rev. 15 - 20 April 2021
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
   Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Toshiba Semiconductor
TC7WZ05FK TOSHIBA-TC7WZ05FK Datasheet
143Kb / 7P
   Triple Inverter (open drain)
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
   Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
   Triple inverter with open-drain outputs
Rev. 03-11 May 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com