Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC3G07GD
Description  Triple buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G07GD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC3G07GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC3G07_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 16 June 2008
5 of 16
NXP Semiconductors
74LVC3G07
Triple buffer with open-drain output
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIH
HIGH-level input
voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--V
VIL
LOW-level input
voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 100 µA;
VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
V
II
input leakage current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2] -
±0.1
±5
µA
IOZ
OFF-state output
current
VI =VIH or VIL;VO =VCC or GND;
VCC = 5.5 V
-
±0.1
±10
µA
IOFF
power-off leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
±0.1
±10
µA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
µA
∆ICC
additional supply
current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO =0 A
[2] -
5
500
µA
CI
input capacitance
-
2.5
-
pF


Similar Part No. - 74LVC3G07GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G07GF NEXPERIA-74LVC3G07GF Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74LVC3G07GN NEXPERIA-74LVC3G07GN Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07GS NEXPERIA-74LVC3G07GS Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GT PHILIPS-74LVC3G07GT Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
More results

Similar Description - 74LVC3G07GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07 PHILIPS-74LVC3G07 Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
   TRIPLE BUFFER (OPEN DRAIN)
November 2001
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com